Electronic Components Datasheet Search
  English  ▼

X  

70HDT Datasheet(PDF) 4 Page - 3M Electronics

Part # 70HDT
Description  Self-Fusing Silicone Rubber Electrical Tape 70 HDT with Tapered Edge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

70HDT Datasheet(HTML) 4 Page - 3M Electronics

  70HDT Datasheet HTML 1Page - 3M Electronics 70HDT Datasheet HTML 2Page - 3M Electronics 70HDT Datasheet HTML 3Page - 3M Electronics 70HDT Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4 of 4
3M and Scotch is a trademark of 3M Company.
Other trademarks used herein are properties of their respective owners.
Important Notice
All statements, technical information, and recommendations related to 3M’s products are based on information believed to be reliable, but the
accuracy or completeness is not guaranteed. Before using this product, you must evaluate it and determine if it is suitable for your intended
application. You assume all risks and liability associated with such use. Any statements related to the product which are not contained in
3M’s current publications, or any contrary statements contained on your purchase order shall have no force or effect unless expressly agreed
upon, in writing, by an authorized officer of 3M.
Warranty; Limited Remedy; Limited Liability.
This product will be free from defects in material and manufacture for a period of one (1) year from the time of purchase. 3M MAKES NO
OTHER WARRANTIES INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS FOR
A PARTICULAR PURPOSE. If this product is defective within the warranty period stated above, your exclusive remedy shall be, at 3M’s
option, to replace or repair the 3M product or refund the purchase price of the 3M product. Except where prohibited by law, 3M will not
be liable for any indirect, special, incidental or consequential loss or damage arising from this 3M product, regardless of the legal
theory asserted.
Electrical Markets Division
680 River Place Blvd.
Austin, TX 78726-9000
800-626-838
Fax 800-828-9329
www.3M.com/electrical
Litho in USA
© 3M 2006 78-8131-7357-8-A
7.0 Installation Techniques
Scotch® Silicone Rubber Electrical Tape 70
HDT should be applied in half-lap layers
using moderate tension.
70 HDT Tape should be applied on all tape-
like terminations which will be operated
either outdoors or in areas subjected to
contamination or moisture. The following
procedure should be used:
If possible, connect the termination to its
final position. Otherwise, take care not to
damage the final overwrap of silicone tape
during installation. Overwrap the end seal
with several half-lapped layers. Overwrap
the entire termination with one additional
half-lapped layer. For upright termination,
begin from one inch on cable jacket and
end at the lug. For inverted termination,
end taping on the cable jacket. Wrap with
moderate tension (10 to 100% elongation).
Apply last lap with zero stretch. Press down
to avoid endlifting before fusion takes place.
70 HDT Tape can also be applied over the
exposed cable insulation and/or end seal
used in conjunction with molded (slip-on)
stress cones.
Techniques for the proper use of 70 HDT
Tape are contained in standard and special
prints available through the 3M Systems
for Splicing and Terminating Program.
This material may be obtained through
your local 3M Electrical Markets Division
representative.
NOTE REGARDING LINER REMOVAL:
To separate the liner from the tape when
starting a new roll, simply stretch the liner
and tape until the silicone tape breaks. The
liner will then separate at the point.
8.0 Shelf Life
Scotch 70 HDT Tape has a 5-year shelf
life (from the date of manufacture) when
stored under the following recommended
conditions. Store behind present stock in
a clean dry place at a temperature of 70°F
and 40 to 50% relative humidity. Prolonged
exposure to temperatures in excess of 49°C
(20°F) can cause a loss of fusion in the
tape. Proper stock rotation is recommended.
9.0 Availability
Scotch 70 HDT Tape is available from your
electrical distributor in -inch by 30-foot
rolls.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com