Electronic Components Datasheet Search
  English  ▼

X  

500 Datasheet(PDF) 1 Page - 3M Electronics

Part # 500
Description  Repulpable Barricade Tapes 500 Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

500 Datasheet(HTML) 1 Page - 3M Electronics

  500 Datasheet HTML 1Page - 3M Electronics 500 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Repulpable Barricade Tapes 500 Series
Data Sheet
February 2009
Description
Scotch
® Repulpable Barricade Tapes 500 Series are nominal 10-mil tapes, constructed
of a 100% cotton fabric. These reusable tapes are an excellent alternative to standard
barricade tapes for areas where plastics are prohibited.
Agency
Approvals & Self
Certifications
RoHS 2002/95/EC
“RoHS Compliant 2002/95/EC” means that the product or part (“Product”) does not contain any of the
substances in excess of the maximum concentration values in EU Directive 2002/95/EC, as amended by
Commission Decision 2002/618/EC, unless the substance is in an application that is exempt under
RoHS. This information represents 3M’s knowledge and belief, which may be based in whole or in part
on information provided by third party suppliers to 3M.
Typical
Properties
Not for specifications. Values are typical, not to be considered minimum or maximum.
Properties measured at room temperature 73°F (~23°C ) unless otherwise stated.
Physical
Property (Test Method)
Typical Value
US units
Color and Text
Variable (see availability chart)
Material
Cotton fabric
Thickness
10-mil
Length
150 ft.
Width
3 in.
Specifications
The tape shall be of good manufacturing quality in terms of appearance. It shall not
gap or telescope more than 0.1 inches when stored at temperatures below 49°C. It
must be flexible or not be stiff or brittle in applications ranging from below 0°C to
about 38°C. The tape must be removable from the rol l without difficulty.
The tape shall be smooth, uniform, and free of defects and irregularities. The print
shall be uniform, the lettering free of lumps, free of visibly large voids and foreign
materials. The warning words shall be legible, correctly spelled and fully printed. The
ink shall be dry, firmly bonded to the substrate, and not transferable to non-printed
parts of the film.
Shelf Life &
Storage
This product has a 5-year shelf life from date of manufacture when stored in a humidity
controlled storage (10°C/50°F to 27°C/80°F and <75%
relative humidity).
Availability
Please contact your local distributor; available from 3M.com/electrical [Where to
Buy] or call 1-800-245-3573.
Product
Text
Color
Scotch 515
DANGER
Red
Scotch 516
CAUTION
Yellow


Similar Part No. - 500

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
500 SWITCH-500 Datasheet
30Kb / 1P
JACK COVERS
logo
Make-Ps
500 MAKE-PS-500 Datasheet
193Kb / 4P
Single & Dual Output DC/DC Converter
logo
E-SWITCH
500 E-SWITCH-500 Datasheet
315Kb / 4P
SLIDE SWITCHES
logo
Honeywell Solid State E...
500 HONEYWELL-500 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
Morse Mfg. Co., Inc.
500 MORSE-500 Datasheet
900Kb / 3P
Vertical-Lift Drum Pourers
11 Aug, 2023
More results

Similar Description - 500

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9464 3M-9464 Datasheet
344Kb / 3P
Splicing Tapes
Dec-2007
300 3M-300 Datasheet
28Kb / 2P
Scotch® Barricade Tapes 300 Series
Dec-2013
400 3M-400 Datasheet
53Kb / 2P
Detectable Buried Barricade Tapes 400 Series
Jun-2010
R3379 3M-R3379 Datasheet
255Kb / 2P
Repulpable Splittable Flying Splice Tapes
R3257 3M-R3257 Datasheet
221Kb / 2P
Repulpable Double-Coated Tapes
Mar-2014
R3187 3M-R3187 Datasheet
220Kb / 2P
Repulpable Single-Coated Tapes
Mar-2014
R7369 3M-R7369 Datasheet
29Kb / 3P
Repulpable Splittable Flying Splice Tapes
Apr-2013
906B 3M-906B Datasheet
202Kb / 2P
Repulpable Flying Splice Tape
8901 3M-8901 Datasheet
29Kb / 2P
Polyester Tapes
logo
Bertech.
ESDBPT BERTECH-ESDBPT Datasheet
220Kb / 1P
ESD Polyester Tapes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com