Electronic Components Datasheet Search
  English  ▼

X  

411 Datasheet(PDF) 1 Page - 3M Electronics

Part # 411
Description  Detectable Buried Barricade Tapes 400 Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

411 Datasheet(HTML) 1 Page - 3M Electronics

  411 Datasheet HTML 1Page - 3M Electronics 411 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Detectable Buried Barricade Tapes 400 Series
Data Sheet
June 2010
Description
Scotch
® Detectable Buried Barricade Tapes 400 Series are nominal 5-mil tapes,
constructed of a solid aluminum foil backing with a clear film laminate. The aluminum
backing helps make underground assets easier to locate when using a non-ferrous
locator. These tapes are color-coded to meet or exceed the industry standards,
including the American Public Works Association (APWA).
Agency Approvals &
Self Certifications
Meets the requirements of:
RoHS 2002/95/EC
“RoHS Compliant 2002/95/EC” means that the product or part (“Product”) does not contain any of the
substances in excess of the maximum concentration values in EU Directive 2002/95/EC, as amended
by Commission Decision 2002/618/EC, unless the substance is in an application that is exempt under
RoHS. This information represents 3M’s knowledge and belief, which may be based in whole or in part
on information provided by third party suppliers to 3M.
Typical Properties
Not for specifications. Values are typical, not to be considered minimum or maximum.
Properties measured at room temperature 73°F (23°C) unless otherwise stated.
Physical Property (Test Method)
Typical Value
US units (metric)
Color and Width
Variable (see availability chart)
Thickness
5-mil
Length
1000 ft.
Maximum Detectable Burial Range*
2” – 6” to 12”
3” – 12” to 24”
6” – 22” to 30”
Tensile Strength at Break (ASTM D-882)
35 lbs/in (15,000 psi)
* The types of locators used have a direct input on the maximum detectable burial depth.
Specifications
The tape shall be of good manufacturing quality in terms of appearance. It shall
not gap or telescope more than 0.1 inches when stored at temperatures below
49°C. It must be flexible or not be stiff or brittle in applications ranging from below
0°C to about 38°C. The tape must be removable from the roll without difficulty.
The tape shall be smooth, uniform, and free of defects and irregularities. The print
shall be uniform, free of visibly large voids and foreign materials, and the lettering
free of lumps. The warning words shall be legible, correctly spelled and fully
printed. The ink shall be dry, firmly bonded to the substrate, and not transferable to
non-printed parts of the film.
Shelf Life & Storage
This product has a 5-year shelf life from date of manufacture when stored in a
humidity controlled storage (10°C/50°F to 27°C/80°F and <75% relative humidity).
1 of 2
3


Similar Part No. - 411

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
411 GAMEWELL-FCI-411 Datasheet
175Kb / 4P
Slave Digital Alarm Communicator Transmitter
logo
Willow Technologies Ltd
411 WILLOW-411 Datasheet
146Kb / 6P
ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Marathon Special Produc...
411 MARATHON-411 Datasheet
597Kb / 3P
Replace “XX” with 01 through 12 for number of poles 11/16 (.688) pitch
logo
Adafruit Industries
411 ADAFRUIT-411 Datasheet
85Kb / 1P
2.1mm to 1.7mm DC jack adapter
5-5-17
logo
Walther-Werke
411 WALTHER-411 Datasheet
437Kb / 4P
Channel installation sockets IP 44
More results

Similar Description - 411

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
REL-MR-24AC PHOENIX-REL-MR-24AC Datasheet
98Kb / 4P
With detectable manual operation
REL-MR-230AC PHOENIX-REL-MR-230AC Datasheet
98Kb / 4P
With detectable manual operation
logo
3M Electronics
9464 3M-9464 Datasheet
344Kb / 3P
Splicing Tapes
Dec-2007
9492MP 3M-9492MP Datasheet
189Kb / 4P
Double Coated Tapes
Nov-2011
F9473PC 3M-F9473PC Datasheet
365Kb / 3P
Adhesive Transfer Tapes
Nov-2007
300 3M-300 Datasheet
28Kb / 2P
Scotch® Barricade Tapes 300 Series
Dec-2013
500 3M-500 Datasheet
30Kb / 2P
Repulpable Barricade Tapes 500 Series
Feb-2009
9425 3M-9425 Datasheet
61Kb / 5P
3M Repositionable Tapes
Jan-2011
8901 3M-8901 Datasheet
29Kb / 2P
Polyester Tapes
logo
Bertech.
ESDBPT BERTECH-ESDBPT Datasheet
220Kb / 1P
ESD Polyester Tapes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com