Electronic Components Datasheet Search
  English  ▼

X  

2155 Datasheet(PDF) 1 Page - 3M Electronics

Part # 2155
Description  Temflex™ 2155 Rubber Splicing Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2155 Datasheet(HTML) 1 Page - 3M Electronics

  2155 Datasheet HTML 1Page - 3M Electronics 2155 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Temflex™
2155 Rubber Splicing Tape
Data Sheet
Product Description
3M Temflex™ 2155 Rubber Splicing Tape is a conformable
self-fusing rubber electrical insulating tape. It is designed for
low voltage electrical insulating and moisture sealing
applications. Temflex 2155 is Underwriters Laboratories
(UL) Listed for use up to 600 volts.
• UL listed, File E129200
• Compatible with solid dielectric cable insulations
• Self-fusing tape
• Flexible over a wide temperature range
Applications (600 volt maximum)
• Bolted connections
• Service drops
• Lightning connections
• Ground rod connections
• Motor leads
Typical Data/Physical Properties
Test Method
Typical Value
Color
Black
Temperature Rating
UL 510
176°F (80°C)
Thickness
UL 510
30 mils (0,76 mm)
Fusion
ASTM D4388, Type I
Pass
Tensile Strength
UL 510
300 psi (2,07 N/mm2)
Elongation
UL 510
700%
Dielectric Breakdown
UL 510
600 V/mil (23,6 KV/mm)
Note: These are typical values and should not be used for
specification purposes.
Specification
The tape must be rubber based and capable of operating at
temperatures up to 80°C.
The tape must not split or crack when exposed to normal
operating temperatures. The tape must be compatible with
synthetic cable and wire insulations. The tape shall not be
corrosive to aluminum, or copper conductors.
The tape shall be 30 mils thick and comply with the
requirements of UL 510 for rubber insulating tape.
Installation
Temflex 2155 tape should be applied in half-lapped layers
until desired insulation build up is reached. Stretch the tape
to 3/4 of its original width during application for good
conformability and to obtain a moisture tight seal.
Temflex 2155 tape should be overwrapped for mechanical
protection with half-tapped layers of either 3M Vinyl
Electrical Tape or Temflex 1755 Cotton Friction Tape.
Shelf Life
Temflex 2155 has a three-year shelf life (from date of
manufacture) when stored under the following recommended
storage conditions. Store behind present stock in a clean, dry
place at a temperature of 70°F (21°C) and 40-50% relative
humidity. Good stock rotation is recommended.
Availability
Temflex 2155 rubber splicing tape is available from your
local 3M authorized distributor in the following roll sizes:
3/4 in. x 22 ft. (19 mm x 6,7 m)
1 1/2 in. x 22 ft. (38 mm x 6,7 m)


Similar Part No. - 2155

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2155 VISHAY-2155 Datasheet
125Kb / 1P
2100 System Rack Adapters and Cabinets
20-Nov-03
logo
Keystone Electronics Co...
2155 KEYSTONE-2155 Datasheet
221Kb / 1P
HEX M/F STANDOFF
4.11.96
logo
Alpha Wire
2155 ALPHAWIRE-2155 Datasheet
95Kb / 3P
Customer Specification
9/14/2022
logo
Heyco.
2155 HEYCO-2155 Datasheet
105Kb / 1P
Universal Bushings
logo
Keystone Electronics Co...
2155 KEYSTONE-2155 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
More results

Similar Description - 2155

ManufacturerPart #DatasheetDescription
logo
3M Electronics
130C 3M-130C Datasheet
115Kb / 3P
Linerless Rubber Splicing Tape 130C
Rev D
1700 3M-1700 Datasheet
30Kb / 2P
3M Temflex Vinyl Electrical Tape 1700
Nov-2011
1755 3M-1755 Datasheet
26Kb / 2P
3M Temflex Friction Tape 1755
Rev C
175 3M-175 Datasheet
127Kb / 2P
3M Temflex Vinyl Electrical Tape 175
Rev C
9969B 3M-9969B Datasheet
201Kb / 2P
Repulpable Single-Coated Printable Splicing Tape
Mar-2014
9038B 3M-9038B Datasheet
206Kb / 2P
Repulpable Double-Coated Web Splicing Tape
900B 3M-900B Datasheet
138Kb / 6P
3M??Repulpable Double-Coated Splicing Tape
253 3M-253 Datasheet
14Kb / 2P
Silicone Splicing Tape
05-May-2002
9960 3M-9960 Datasheet
44Kb / 2P
Repulpable Single-Coated Splicing Tape
Nov-2007
5550 3M-5550 Datasheet
52Kb / 4P
Cold Shrink] Rubber Splicing Kits
1996
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com