Electronic Components Datasheet Search
  English  ▼

X  

3100 Datasheet(PDF) 3 Page - 3M Electronics

Part # 3100
Description  3M™ Mining Cable Splice Kits,
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3100 Datasheet(HTML) 3 Page - 3M Electronics

  3100 Datasheet HTML 1Page - 3M Electronics 3100 Datasheet HTML 2Page - 3M Electronics 3100 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3M
™ Mining Cable Splice Kits, 3100 Series
3 of 3
Engineering/
Closed Specification
Architectural
Specifications
3M
™ Mining Cable Splice Kits, 3100 Series are used for splicing of flexible power
cables rated up to 15 kV, including the following cable types, flat and round: W, G,
W-GC, G-GC, SHD-GC, MPF and MPF-GC. Splicing with primary conductor sizes
ranging from 6 AWG to 500 kcmil (14 – 250 mm
2), shall be performed in accordance
with the instructions provided with the 3M
™ Mining Cable Splice Kits, 3100 Series.
Installation
Detailed instructions for installing the 3100 series used to splice flexible power cables
are included with each kit. (Photos available from instruction video photos)
1. Prepare cables using standard procedures.
2. Taper the cable jacket and phase insulation ends.
3. Install in-line compression (crimp) or parallel overlap connector.
4. Apply phase insulation and/or shielding tapes.
5. Connect ground wire, if in cable.
6. Rebuild cable jacketing.
Shelf-Life &
Splice kits 3100 series have a 5-year shelf life from the date of manufacture when
Storage
stored in humidity controlled storage between 50 & 80°F (10 & 27°C) and <75% RH.
Availability
Splice kits 3100 series are available to splice up to 15 kV flexible power cables. The
connectors
must
be
ordered
separately;
standard
dimension
Copper
(Cu)
compression (crimp type) or parallel connectors are suitable for use with these splice
kits. These kits are available from your local authorized 3M electrical distributor.
Important Notice
All statements, technical information, and recommendations related to 3M’s products are based on
information believed to be reliable, but the accuracy or completeness is not guaranteed. Before using this
product, you must evaluate it and determine if it is suitable for your intended application. You assume all
risks and liability associated with such use. Any statements related to the product which are not contained
in 3M’s current publications, or any contrary statements contained on your purchase order shall have no
force or effect unless expressly agreed upon, in writing, by an authorized officer of 3M.
Warranty; Limited
This product will be free from defects in material and manufacture at the time of purchase. 3M MAKES
Remedy; Limited
NO OTHER WARRANTIES INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF
Liability:
MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. If this product is defective within the
warranty period stated above, your exclusive remedy shall be, at 3M’s option, to replace or repair the 3M
product or refund the purchase price of the 3M product. Except where prohibited by law, 3M will not be
liable for any indirect, special, incidental or consequential loss or damage arising from this 3M
product, regardless of the legal theory asserted.
3M, Scotch and Temflex are trademarks of 3M Company.
3
Electrical Markets Division
6801 River Place Blvd.
Austin, TX 78726-9000
800 245 3573
Please recycle.
FAX 800 245 0329
© 3M 2009 All rights reserved.
www.3M.com/electrical
78-8127-6892-3 B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com