Electronic Components Datasheet Search
  English  ▼

X  

7447 Datasheet(PDF) 1 Page - 3M Electronics

Part # 7447
Description  Scotch-Brite™ General Purpose Hand pad – A/O Very Fine, 7447
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

7447 Datasheet(HTML) 1 Page - 3M Electronics

  7447 Datasheet HTML 1Page - 3M Electronics 7447 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Effective Date: 1/7/20
Scotch-Brite™ General Purpose Hand pad – A/O Very Fine, 7447
3M I.D. Number
7447
Hand Pad
61-5001-2323-9
7447B Hand Pad
61-5001-9070-9
Product Description
3M General Purpose Hand Pad 7447 is a non-woven abrasive. 7447B is sold in bulk
packaging.
Features: Conformable - for contours and hard to get areas; non-woven - reduces
loading and clogging; 3-dimensional - improves product life.
Application: for general purpose cleaning, finishing, blending, scuffing and light
deburring.
Product Usage: Used by hand, hand block, or portable machine; on metal, wood,
plastic, fiberglass, primer, and paints
Mineral
Mineral:Aluminum Oxide
Fiber: Nylon
Resin: Phenolic
Grade: Very Fine
Color: Maroon
Construction
Dimensions
Thickness:
3/8”
Forms: Hand Pads - 6” x 9”
Safety
Always use appropriate PPE and follow safety precautions as instructed in the
associated Product Safety Insert. Product Safety Inserts are included with shipped
product and are also available on-line through 3M.com.


Similar Part No. - 7447

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
7447 NSC-7447 Datasheet
118Kb / 6P
BCD to 7-Segment Decoders/Drivers
logo
List of Unclassifed Man...
7447 ETC-7447 Datasheet
46Kb / 1P
BCD TO 7-SEGMENT DECODER-DRIVER(Low=on, 40-mA, 30-Volt Outputs)
logo
Fairchild Semiconductor
7447 FAIRCHILD-7447 Datasheet
67Kb / 6P
BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
logo
ON Semiconductor
7447 ONSEMI-7447 Datasheet
132Kb / 8P
BCD to 7-Segment Decoder/Driver
December, 1999 ??Rev. 6
logo
Fairchild Semiconductor
7447 FAIRCHILD-7447 Datasheet
52Kb / 6P
BCD to 7-Segment Decoders/Drivers
More results

Similar Description - 7447

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IT8706R ETC1-IT8706R Datasheet
294Kb / 27P
Special General Purpose I/O
logo
Intel Corporation
4265 INTEL-4265 Datasheet
47Kb / 1P
PROGRAMMABLE GENERAL PURPOSE I/O DEVICE
logo
3M Electronics
2011-B 3M-2011-B Datasheet
105Kb / 4P
Scotch-Brite™ High Performance
149-5870 3M-149-5870 Datasheet
28Kb / 1P
Abrasives, Scotch-Brite Handpads
EC5 3M-EC5 Datasheet
422Kb / 4P
Scotch-Weld™ General Purpose Instant Adhesives
Apr-2016
DP605NS 3M-DP605NS Datasheet
149Kb / 8P
3M™ Scotch-Weld™ Urethane Adhesive DP605NS O
Feb-2019
7236 3M-7236 Datasheet
397Kb / 3P
3M??Scotch-Weld??7236 B/A
07443 3M-07443 Datasheet
127Kb / 3P
Scotch-Brite??Roloc?? General Purpose Scuffing Wheel 07443, 4 in x 1-1/8 in A VFN, 10 wheels per case
20433 3M-20433 Datasheet
78Kb / 3P
3M™ Hookit™ Sheet Pad
logo
Schneider Electric
NSYS3X4320 SCHNEIDER-NSYS3X4320 Datasheet
63Kb / 2P
SPACIAL S3X stainless 304L, Scotch Brite® finish, H400xW300xD200 mm.
Mar 9, 2013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com