Electronic Components Datasheet Search
  English  ▼

X  

3104 Datasheet(PDF) 1 Page - 3M Electronics

Part # 3104
Description  3M™ Mining Cable Splice Kits,
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3104 Datasheet(HTML) 1 Page - 3M Electronics

  3104 Datasheet HTML 1Page - 3M Electronics 3104 Datasheet HTML 2Page - 3M Electronics 3104 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 of 3
3M
™ Mining Cable Splice Kits,
3100 Series
Description
3M
™ Mining Cable Splice Kits, 3100 Series are used to splice flexible power cables
(primarily mining types) rated from 600 Volts to 15 kV. The cable types which can be
spliced using these kits, include flat and round W, G, W-GC, G-GC, SHD-GC, MPF,
and MPF-GC.
The tapes in the kits can be used to splice conductor sizes ranging from 6 AWG up to
1/0 kcmil (14 to 50 mm
2). The instructions cover cable up to 500 kcmil (250 mm2);
however, additional tapes will be needed. The Scotch
® Heavy Duty Mining Tape 31
has excellent resistance to moisture and abrasion, along with its MSHA approved
flame resistance. Each kit includes most of the tape materials necessary to make one
complete splice. Additional materials may be needed for larger conductor sizes. All
kit tapes are sold separately. In some cases, Scotch
® Glass Cloth Electrical Tape 27
or 69 may be substituted for use over the connector. Check the kit instructions for this
option.
The splices can be used with standard Copper (Cu) in-line compression (crimp type)
connector, and can be used for size transitions within the kit size range. They are
designed to exceed minimum industry test standards for the kit’s designed voltage
class.
Kit Contents
• Scotch
® Heavy Duty Mining Tape 31
• Scotch
® Linerless Rubber Splicing Tape 130C
• 3M™ Temflex™ Vinyl Electrical Tape 1700P
• Scotch
® Rubber Mastic Tape 2228*
• Scotch
® Electrical Shielding Tape 24**
• Scotch
® Electrical Semi-Conducting Tape 13
• 3M™ Cable Cleaning Kit CC-2-Dry
• Instruction Booklet
* Not in 3100 or 3104
** Not in 3100
Agency Approvals,
Self Certifications
The kits meet the MSHA requirements of Part 7, Subpart K of Title 30, Code of
Federal Regulations (CFR). The Pennsylvania and MSHA approval number that will
appear on the exterior of the mining tape is P-07-KA08005-MSHA.
3
2
Data Sheet
August 2009


Similar Part No. - 3104

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3104 ETC2-3104 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Heyco.
3104 HEYCO-3104 Datasheet
120Kb / 1P
Thick Panel Snap Bushings
logo
Adafruit Industries
3104 ADAFRUIT-3104 Datasheet
146Kb / 2P
Mini Illuminated Momentary Pushbutton Red Power Symbol
2-6-24
logo
List of Unclassifed Man...
31040 ETC-31040 Datasheet
54Kb / 2P
Sealed Polyester Swabs
logo
PHOENIX CONTACT
3104013 PHOENIX-3104013 Datasheet
127Kb / 6P
MTK-P/P
More results

Similar Description - 3104

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
SLGK002C-C03-060 ROSENBERGER-SLGK002C-C03-060 Datasheet
106Kb / 1P
Grounding Kits for cable
SLGK002C-C06-060 ROSENBERGER-SLGK002C-C06-060 Datasheet
106Kb / 1P
Grounding Kits for cable
logo
Elite Enterprises (H.K....
PG1N-MY57 ELITE-PG1N-MY57 Datasheet
331Kb / 3P
Mining Lamp Reflector
logo
3M Electronics
R3345 3M-R3345 Datasheet
135Kb / 6P
3M™ Repulpable Splice System R3345
Jun-2017
9977 3M-9977 Datasheet
141Kb / 6P
3M™ Repulpable Double-Coated High Strength Flying Splice Tape
Mar-2014
EC-3500 3M-EC-3500 Datasheet
27Kb / 4P
3M Scotch-WeldTM Core Splice Adhesive
Sep-2005
SJ-1FB 3M-SJ-1FB Datasheet
76Kb / 4P
3M Cold Shrink Foldback Splice Jacket Kits
7600-3G 3M-7600-3G Datasheet
371Kb / 15P
3M™ Cold Shrink QT-III Silicone Rubber Three-Conductor Cable Termination Kits
Rev D
5300 3M-5300 Datasheet
85Kb / 4P
3M??Motor Lead Splicing Kits
82-F 3M-82-F Datasheet
89Kb / 3P
3M™ Scotchcast™ Flexible Power Cable Splicing Kits
Sep-2012
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com