Electronic Components Datasheet Search
  English  ▼

X  

9818D Datasheet(PDF) 1 Page - 3M Electronics

Part # 9818D
Description  3MTM Flexfoam Closures/Clips
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9818D Datasheet(HTML) 1 Page - 3M Electronics

  9818D Datasheet HTML 1Page - 3M Electronics 9818D Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 3M 2013 All Rights Reserved.
3
Technical Information Sheet
Product Numbers 9818B,D,G&J
3M
TM Flexfoam Closures/Clips
Effective: August 2013
Supersedes all previous specifications
Features and Benefits:
-
Pressure Sensitive Adhesive with Protective Liner - Adhesion to a variety of surfaces
-
White Color for Clean Appearance
- Easy to Use & Precut to Size
-
Tan Color for Low Visibility or Color Matching
Composition:
3M Flexfoam Closures or Clips are often used in medical device construction for support or secure
closure. The precut tape parts consist of four polyolefin-enclosed wires covered on one side with
cushioning polyolefin foam with an area of pressure-sensitive adhesive down the center. The
closures or clips are precut to size and supplied on sheets of paper release liner.
Description:
Product
Number
Color
Width
Total Clip
Length
Adhesive
Length
Clips per
Sheet
Minimum
Order
9818B
White
11/32”
(8.7 mm)
5.25” (13.3 cm)
2.5”
(6.4 cm)
10
25,000
9818D
Tan
11/32”
(8.7 mm)
4.5” (11.5 cm)
2.0”
(5 cm)
10
30,000
9818G
Tan
11/32”
(8.7 mm)
5.25” (13.3 cm)
2.5”
(6.4 cm)
10
30,000
9818J
White
11/32”
(8.7 mm)
6.4” (16.2 cm)
3.0”
(7.6 cm)
10
30,000
Packaging and Recommended Storage:
Product as supplied in original packaging will maintain stated properties for a period of two years
from date stamped on shipping container when stored at temperatures of 50-80
°F (10-27°C) and
relative humidity between 40-60 percent.
Please see reverse side for important product, safety and warranty information.


Similar Part No. - 9818D

ManufacturerPart #DatasheetDescription
logo
Time Electronics Ltd.
9818 TIME-ELECTRONICS-9818 Datasheet
142Kb / 2P
DC Current and Voltage Calibrator
V3 09/09/03
logo
FCI connector
98181-XYYH FCI-CONNECTOR-98181-XYYH Datasheet
664Kb / 8P
BERGSTIK II HEADER D/R 100/2.52cc STRAIGHT
logo
General Cable Technolog...
98187 GENERAL-98187 Datasheet
110Kb / 2P
Carolprene짰 Jacketed Type SJOOW
More results

Similar Description - 9818D

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
FC101 BEL-FC101 Datasheet
47Kb / 1P
Fuse Clips
logo
List of Unclassifed Man...
N4NY-002-9-CMC ETC1-N4NY-002-9-CMC Datasheet
184Kb / 2P
P-Clips, Nylon Cable Clamping Clips
UC-0 ETC2-UC-0 Datasheet
98Kb / 1P
P-Clips
561-1250032 ETC2-561-1250032 Datasheet
76Kb / 2P
Snap Clips
logo
Extech Instruments Corp...
TL806 EXTECH-TL806_15 Datasheet
230Kb / 1P
Alligator Clips
logo
3M Electronics
9793R 3M-9793R Datasheet
54Kb / 2P
3MTM Polyolefin Diagnostic Tape
Jan-2010
9795R 3M-9795R Datasheet
48Kb / 2P
3MTM Advanced Polyolefin Tape
Mar-2010
9917 3M-9917 Datasheet
48Kb / 2P
3MTM Medical Nonwoven Tape
Aug-2013
9889 3M-9889 Datasheet
49Kb / 2P
3MTM Double Coated Medical Tape
Jul-2013
logo
Pepperl+Fuchs Inc.
LB9230B PF-LB9230B Datasheet
220Kb / 2P
Retaining clips
2022-01-28
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com