Electronic Components Datasheet Search
  English  ▼

X  

1521 Datasheet(PDF) 1 Page - 3M Electronics

Part # 1521
Description  3MTM Single Coated Polyethylene Medical Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

1521 Datasheet(HTML) 1 Page - 3M Electronics

  1521 Datasheet HTML 1Page - 3M Electronics 1521 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 3M 2013 All Rights Reserved.
Technical Information Sheet
Product Number 1521
3M
TM Single Coated Polyethylene Medical Tape
Effective: July 2013
Supersedes all previous specifications
Features and Benefits:
-
Hypoallergenic Pressure Sensitive Adhesive
- ETO & Gamma Sterilization Compatible
-
Moderately Conformable
- Good Adhesion to Skin
-
Easy to Apply
- Translucent
-
Occlusive
- Provides Barrier to External Contamination
Composition:
Tape Caliper
6.4 mil (0.16 mm) Polyethylene Film Tape
Backing
5.0 mil (0.13 mm) Translucent Polyethylene Film
Adhesive
Acrylate, designed for medical/surgical use
Release Liner
83 lb Poly-coated Kraft paper, silicone on one side (6 mils/0.15mm)
Typical Properties
+:
Adhesion to Steel, 180
° Peel
21 ounces/inch width (0.6 Kg/25 mm width) (5.8 N/25 mm)
Liner Release
9 gm/inch (9 gm/25 mm)
+3M test methods are available upon request.
Roll Description: Tape supplied on 3 inch (76 mm) diameter cores.
Length, Maximum
360 yards (329 m)
± 2%
Width, Maximum
48 inch (122 cm)
± 1/32 in (1.0 mm)
Splices: Splices on the tape are intended for continuous processing.
Roll Width
Maximum Number of Splices per Roll
< 8 inch (20 cm)
2 per 100 yd (91 m)
3 per 200 yd (183 m)
6 per 360 yd (329 m)
Information on the splice frequency in roll widths greater than 8 inch (20 cm) is available upon
request.
Packaging and Recommended Storage:
Product as supplied in original packaging will maintain stated properties for a period of two years
from date stamped on shipping container when stored at temperatures of 50-80
°F (10-27°C) and a
relative humidity between 40-60 percent.
Please see reverse side for important product, safety and warranty information.


Similar Part No. - 1521

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
1521 SENSATA-1521 Datasheet
216Kb / 3P
ROTARY MOTION / PRECISION SENSOR
Rev.09/29/17
logo
Amphenol Corporation
1521-00002 AMPHENOL-1521-00002 Datasheet
76Kb / 1P
SVK JACK PCB MOUNT 횠.012 PIN FOR .062" PCB
logo
Amphenol SV Microwave
1521-00002 SVMICROWAVE-1521-00002 Datasheet
500Kb / 1P
SVK JACK PCB MOUNT Ø.012 PIN FOR .062" PCB
04/18
logo
Amphenol Corporation
1521-00005 AMPHENOL-1521-00005 Datasheet
107Kb / 1P
2.92mm FEMALE FIXTURELESS SNAP-IN EDGE LAUNCH FOR .062" PCB
logo
Amphenol SV Microwave
1521-00005 SVMICROWAVE-1521-00005 Datasheet
530Kb / 1P
2.92mm FEMALE FIXTURELESS SNAP-IN EDGE NOTES: LAUNCH FOR .062" PCB
01/20
More results

Similar Description - 1521

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1503 3M-1503 Datasheet
48Kb / 2P
3MTM Tan Polyethylene Single Coated Medical Tape
Jun-2013
1516 3M-1516 Datasheet
48Kb / 2P
3MTM Single Coated Polyester Medical Tape
Jul-2013
1523 3M-1523 Datasheet
48Kb / 2P
3MTM Blush Tan Polyethylene Single Coated Medical Tape
Jul-2013
1526 3M-1526 Datasheet
48Kb / 2P
3MTM Single Coated Polyethylene Medical Tape
Aug-2013
1527ENP 3M-1527ENP Datasheet
48Kb / 2P
3MTM Single Coated Medical Plastic Tape
Jul-2013
1527LX 3M-1527LX Datasheet
48Kb / 2P
3MTM Single Coated Medical Plastic Tape
Aug-2013
9835 3M-9835 Datasheet
48Kb / 2P
3MTM Single Coated Medical Tape
Aug-2013
9860 3M-9860 Datasheet
48Kb / 2P
3MTM Single Coated Medical Tape
Aug-2013
9952 3M-9952 Datasheet
48Kb / 2P
3MTM Single Coated Medical Plastic Tape
Aug-2013
9889 3M-9889 Datasheet
49Kb / 2P
3MTM Double Coated Medical Tape
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com