Electronic Components Datasheet Search
  English  ▼

X  

2476P Datasheet(PDF) 1 Page - 3M Electronics

Part # 2476P
Description  3MTM Single Coated Nonwoven Medical Silicone Adhesive Tape on Premium Liner
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2476P Datasheet(HTML) 1 Page - 3M Electronics

  2476P Datasheet HTML 1Page - 3M Electronics 2476P Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 3M 2017 All Rights Reserved
Technical Information Sheet
Product Number #2476P
3MTM Single Coated Nonwoven Medical Silicone Adhesive Tape on Premium Liner
Effective: October 2017
Supersedes all previous versions
Proposed Features and Benefits:
- Gentle Silicone Pressure Sensitive Adhesive
- No Natural Rubber Latex
- Flexible, Conformable
- EtO Sterilization Compatible Only
- Excellent Initial Skin Adhesion
- Premium Clear Polypropylene Liner
Composition:
Tape Caliper
14.6 mil [0.37 mm] single-coated Film Tape on Clear Polypropylene Liner
Backing
10.6 mil [0.27 mm] White Polyester Spunlace Nonwoven/Film Laminate
Adhesive
4 mil [0.10 mm] Medical Grade Gentle 3M Silicone Adhesive
Release Liner
3.5 mil [0.09mm] Clear Polypropylene Film, one side Fluoropolymer Release
Typical Properties+:
Adhesion to Stainless Steel, 180 Peel¹
4.5 oz./inch[128 gms/25.4 mm][1.25 N/25.4 mm]
Typical Liner Release, 180 Peel¹
20 gm/inch width [20 gms/25.4 mm width]
Moisture Vapor Transmission Rate, MVTR¹ 800 gms/sq. m/24hrs
+ 3M test methods are available upon request.
1 Preliminary results based on limited run data. Subject to change.
Roll Description: Tape supplied on 3 inch (76 mm) diameter cores.
Length, Maximum
200 yds [183 meters]
Width, Maximum – Slit Rolls
12 inches [30.5 cm]
Width, Jumbo
24 inches [61 cm]
Shelf Life, Packaging and Recommended Storage:
Product as supplied in original packaging will maintain stated properties for a period of two
years from date stamped on shipping container when stored at temperatures of 50-80F (10-
27C) and relative humidity between 40-60 percent.
Note: Product should be stored in the original packaging out of direct sunlight or high-
intensity indoor lighting.
Please see reverse side for important product, safety and warranty information.


Similar Part No. - 2476P

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2476 KR-2476 Datasheet
23Kb / 2P
Lowpass Filter
logo
Heyco.
2476 HEYCO-2476 Datasheet
111Kb / 1P
Vent Plugs and Thick Panel Vent Plugs
logo
Adafruit Industries
2476 ADAFRUIT-2476 Datasheet
1Mb / 1P
Replacement Tubes for Professional Silicone- Tip Solder Sucker - SS-02
6-23-17
logo
Keystone Electronics Co...
2476 KEYSTONE-2476 Datasheet
403Kb / 1P
PLASTIC BATTERY HOLDERS
31-07 20th
logo
Toshiba Semiconductor
24761221 TOSHIBA-24761221 Datasheet
6Mb / 126P
COLOUR TELEVISION C9PJ Chassis
2000
More results

Similar Description - 2476P

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1776 3M-1776 Datasheet
133Kb / 2P
3MTM Single Coated Medical White Nonwoven Tape on Liner
Jan-2020
1530L 3M-1530L Datasheet
48Kb / 2P
3MTM Medical White Rayon Nonwoven Tape on Liner
Aug-2013
1533L 3M-1533L Datasheet
48Kb / 2P
3MTM Medical Tan Rayon Nonwoven Tape on Liner
Jun-2011
1538L 3M-1538L Datasheet
51Kb / 2P
3MTM Medical Rayon Woven Tape on Liner
Feb-2007
2475P 3M-2475P Datasheet
46Kb / 2P
3MTM Single Coated Medical Silicone Adhesive Tape on Liner
Mar-2013
9835 3M-9835 Datasheet
48Kb / 2P
3MTM Single Coated Medical Tape
Aug-2013
9836 3M-9836 Datasheet
46Kb / 2P
3MTM Single Coated Polyurethane Medical Tape on Poly Carrier with Liner
May-2014
9917 3M-9917 Datasheet
48Kb / 2P
3MTM Medical Nonwoven Tape
Aug-2013
9907HTW 3M-9907HTW Datasheet
83Kb / 2P
3MTM White Nonwoven Medical Tape
May-2016
9916 3M-9916 Datasheet
47Kb / 2P
3MTM Medical Tan Nonwoven Tape
Aug-2013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com