Electronic Components Datasheet Search
  English  ▼

X  

2477P Datasheet(PDF) 1 Page - 3M Electronics

Part # 2477P
Description  Medical Materials & Technologies BIOCOMPATIBILITY SUMMARY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2477P Datasheet(HTML) 1 Page - 3M Electronics

  2477P Datasheet HTML 1Page - 3M Electronics 2477P Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Medical Materials & Technologies
BIOCOMPATIBILITY SUMMARY
Product Name: 3M™ Medical Silicone Tape 2477P
Effective: December 2020
P a g e 1 | 2
The adhesive used in 3M™ Medical Silicone Tape 2477P has been subjected to the following preclinical
biocompatibility testing by an outside laboratory under GLP:
Cytotoxicity Study Using the ISO Direct Contact Method (Acrylic Adhesive Tested)
The test article was evaluated to determine the potential for cytotoxicity. This study was conducted
based on the requirements of ISO 10993-5, Biological evaluation of medical devices – Part 5: Tests for in
vitro cytotoxicity. Culture wells of a 6-well tissue culture plate that contained a subconfluent monolayer
of L-929 mouse fibroblast cells were used for testing. Triplicate wells were dosed with either a test
article section, high density polyethylene as a negative control or latex as a positive control. Each article
was placed in direct contact with the L-929 cells. After incubating for 24-26 hours, the cultures were
examined microscopically (100X) for any abnormal cell morphology and cell lysis in proximity to the
articles. Results: The test article showed no evidence of causing cell lysis or cytotoxicity to L-929 cells.
The test article met the requirements of the test since the grade was less than a grade 2 (mild
reactivity).
CLIN-RPT-FINAL-INV-US-05-405329
Cytotoxicity Study Using the ISO Elution Method (Silicone and Acrylic Adhesive Tested)
The test article was evaluated for potential cytotoxic effects using an in vitro mammalian cell culture
test. This study was conducted following the guidelines of ISO 10993-5, Biological evaluation of medical
devices – Part 5: Tests for in vitro cytotoxicity. A single preparation of the test article was extracted in
single strength Minimum Essential Medium (1X MEM) at 37°C for 24 hours. The negative control,
reagent control, and positive control were similarly extracted. Triplicate monolayers of L-929 mouse
fibroblast cells were dosed with each extract and incubated at 37°C in the presence of 5% CO2 for 48
hours. Following incubation, the monolayers were examined microscopically for abnormal cell
morphology and cellular degeneration. Results: The test article extract showed no evidence of causing
cell lysis or toxicity and had a grade of 0 (no reactivity). The test article met the requirements of the test
since the grade was less than a grade 2 (mild reactivity).
CLIN-RPT-FINAL-INV-US-05-405559
ISO Skin Irritation Study in Rabbits (Acrylic Adhesive Tested)
The test article was evaluated for primary skin irritation in rabbits. This study was conducted in
accordance with the guidelines of ISO 10993-10, Biological evaluation of medical devices – Part 10: Tests
for irritation and skin sensitization. Two 25 mm x 25 mm sections of the test article and control article
were topically applied to the skin of each of three rabbits and left in place for a minimum of 23 hours
and a maximum of 24 hours. The sites were graded for erythema and edema at 1, 24, 48 and 72 hours
after removal of the single sample application. Results: There was none to well-defined erythema and
no edema observed on the skin of the animals treated with the test article. The Primary Irritation Index
(PII) for the test article was calculated to be 0.5/8.0. The response of the test article was categorized as
slight.
CLIN-RPT-FINAL-INV-US-05-409807


Similar Part No. - 2477P

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2477 KR-2477 Datasheet
24Kb / 2P
Bandpass Filter
logo
Pomona Electronics
2477 POMONA-2477 Datasheet
25Kb / 1P
Miniature Banana Jack To Standard Banana Plug Adapter
logo
Keystone Electronics Co...
2477 KEYSTONE-2477 Datasheet
450Kb / 1P
Economical design, available with PC terminals or wire leads
logo
Heyco.
2477 HEYCO-2477 Datasheet
111Kb / 1P
Vent Plugs and Thick Panel Vent Plugs
logo
Molex Electronics Ltd.
2477 MOLEX-2477 Datasheet
32Kb / 2P
KK® Interconnect System - Molex
03/13/2019
More results

Similar Description - 2477P

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK042CG2R2AD-W TAIYO-YUDEN-EMK042CG2R2AD-W Datasheet
287Kb / 2P
Item Summary
logo
3M Electronics
1504X 3M-1504X Datasheet
167Kb / 2P
3M Medical Materials & Technologies
Oct-2020
1524A 3M-1524A Datasheet
137Kb / 2P
3M Medical Materials & Technologies
Oct-2020
9777L 3M-9777L Datasheet
180Kb / 2P
3M Medical Materials & Technologies
Oct-2020
1524 3M-1524 Datasheet
137Kb / 2P
3M Medical Materials & Technologies
Oct-2020
1772 3M-1772 Datasheet
360Kb / 2P
3M Medical Materials & Technologies
Jan-2020
1773 3M-1773 Datasheet
175Kb / 2P
3M Medical Materials & Technologies
Mar-2020
1774T 3M-1774T Datasheet
171Kb / 2P
3M Medical Materials & Technologies
Mar-2020
1774W 3M-1774W Datasheet
171Kb / 2P
3M Medical Materials & Technologies
Mar-2020
9776 3M-9776 Datasheet
172Kb / 2P
3M Medical Materials & Technologies
Aug-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com