Electronic Components Datasheet Search
  English  ▼

X  

7334 Datasheet(PDF) 1 Page - 3M Electronics

Part # 7334
Description  3MTM Low-Profile Fastener Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

7334 Datasheet(HTML) 1 Page - 3M Electronics

  7334 Datasheet HTML 1Page - 3M Electronics 7334 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 3M 2011 All Rights Reserved.
Technical Information Sheet
3M
TM Low-Profile Fastener Systems
#7334, White Low-Profile Polyolefin Hook Fastener
Effective Date: August 2011
Supersedes all previous information sheets
Current Product Description:
#7334 is a white polyolefin hook fastener designed for medical device construction and
applications that require high peel strength.
Features and Benefits:
- Aggressive Peel Closure to Loop
- EtO Sterilization Compatible
- Medical Device Construction & Closures
- Thin and Conformable
- Limited Gamma Exposure - <45kGrays
Composition:
Hook
White Polyolefin Copolymer
Properties
1:
Caliper, Average
18.5 mils (0.47 mm)
Dynamic Shear Closure, Average²
~ 290 oz/0.5 inch
2 (8.3 kg/3.25 cm2)
135 Degree Peel, Average²
~ 12.5 oz/inch width (360 g/25 mm width)
Roll Length & Width
Width – 0.5 - 28 inches (1.3 - 71 cm)
Length [< 1.5 inches/3.8 cm] – 150 yds [137 m]
Length [width >1.5 in./3.8 cm] 250 yds [228.6 m]
1 Properties listed based on limited data and subject to change.
2 Peel and shear tested used 3M #7330 Loop, are based on limited data and subject to change.
Shelf Life & Storage Conditions:
Product as supplied in original packaging will maintain stated properties for a period of two
[2] years from date stamped on shipping container when stored at temperatures between 50-
80
°F (10-27°C) and a relative humidity between 40-60 percent.
Please see reverse side for important product, safety and warranty information.


Similar Part No. - 7334

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
7334 FESTO-7334 Datasheet
79Kb / 1P
Finger lever valve
logo
V-COIL THREAD SYSTEM
7334 V-COIL-7334 Datasheet
102Kb / 3P
Wire-Thread-Inserts
logo
FCI connector
7334L2620F01LF FCI-CONNECTOR-7334L2620F01LF Datasheet
205Kb / 2P
L26 TYPE FOI
7334L2622F01LF FCI-CONNECTOR-7334L2622F01LF Datasheet
224Kb / 2P
L26 TYPE F01
7334L2622F01LF FCI-CONNECTOR-7334L2622F01LF Datasheet
205Kb / 2P
L26 TYPE FOI
More results

Similar Description - 7334

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
KNF-30 RICHCO-KNF-30 Datasheet
30Kb / 1P
KWIK NUT FASTENER
logo
List of Unclassifed Man...
561-C00500 ETC2-561-C00500 Datasheet
85Kb / 2P
PC Board Fastener
logo
Richco, Inc.
BPF-A414 RICHCO-BPF-A414 Datasheet
52Kb / 1P
BARBED PUSH FASTENER
DF-137-010 RICHCO-DF-137-010 Datasheet
22Kb / 1P
DRIVE FASTENER
logo
3M Electronics
7331 3M-7331 Datasheet
44Kb / 2P
3MTM Gamma Stable Medical Fastener
Nov-2010
9795R 3M-9795R Datasheet
48Kb / 2P
3MTM Advanced Polyolefin Tape
Mar-2010
7335 3M-7335 Datasheet
48Kb / 2P
3MTM Low-Profile Fastener Systems
Aug-2011
SJ3572 3M-SJ3572 Datasheet
201Kb / 6P
3M™ Hook Fastener SJ3572
Apr-2014
SJ4570 3M-SJ4570 Datasheet
151Kb / 4P
3M™ Dual Lock Low Profile reclosable fastener SJ4570
Jun-2014
SJ4580 3M-SJ4580 Datasheet
197Kb / 7P
3M™ Dual Lock™ Low Profile reclosable fastener SJ4580
Dec-2003
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com