Electronic Components Datasheet Search
  English  ▼

X  

9832F Datasheet(PDF) 1 Page - 3M Electronics

Part # 9832F
Description  0.8 mil Polyurethane Film on White Carrier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9832F Datasheet(HTML) 1 Page - 3M Electronics

  9832F Datasheet HTML 1Page - 3M Electronics 9832F Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 3M 2009 All Rights Reserved
Preliminary Technical Information Sheet
Product 9832F (formerly MSX-6362)
0.8 mil Polyurethane Film on White Carrier
Effective: July 2009
Supersedes all previous versions
Features and Benefits:
-
Breathable
-
Thin, Flexible
-
ETO & Gamma Compatible
-
White Paper Carrier for Easy Handling
Preliminary Composition:
Film
0.8 mil (0.02 mm) Translucent Polyurethane Film
Carrier
78 lb. White Poly-coated Paper Carrier, silicone on one side (5.0 mils/0.13 mm)
Current Typical Product Properties
+:
Carrier Release
1
27 gm/inch width (27 gm/25.4 mm width) Target Value
MVTR
1200 gm/sqm/24 hr.
+3M test methods are available upon request.
1 Preliminary results based on limited run data and are subject to change.
Proposed Roll Description: Tape supplied on 3 inch (76 mm) diameter cores.
Length, Maximum
700 yards (640 m)
± 2%
Width, Maximum
46 inch (117 cm)
± 1/32 in (1.0 mm)
Proposed Splices: Splices on the tape and liner are intended for continuous processing.
Roll Width
Maximum Number of Splices per Roll
< 8 inch (20 cm)
2 per 100 yd (91 m)
3 per 200 yd (183 m)
9 per 700 yd (636 m)
Information on the splice frequency in roll widths greater than 8 inch (20 cm) is available upon request.
Proposed Packaging and Recommended Storage:
Product as supplied in original packaging will maintain stated properties for a period of two [2]
years from date stamped on shipping container when stored at temperatures of 50-80
°F (10-27°C)
and a relative humidity of 40-60 percent.
Please see reverse side for important product, safety and warranty information.


Similar Part No. - 9832F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9832 ETC2-9832 Datasheet
99Kb / 3P
24 AWG stranded (7x32) TC conductors, polyethylene insulation
logo
B&K Precision Corporati...
9832 BK-9832 Datasheet
2Mb / 5P
Programmable AC Power Source
logo
Belden Inc.
9832 BELDEN-9832 Datasheet
158Kb / 2P
RS232/422 Low Cap, #24-5pr, PE, O/A FoilBraid, PVC Jkt, CM, 100Ω
05-05-2023
logo
Pro-Signal
9832-1.5M PROSIGNAL-9832-1.5M Datasheet
33Kb / 1P
HQ-Scart-3XPhono, Lead
28/03/11
logo
Belden Inc.
9832.060100 BELDEN-9832.060100 Datasheet
158Kb / 2P
RS232/422 Low Cap, #24-5pr, PE, O/A FoilBraid, PVC Jkt, CM, 100Ω
05-05-2023
More results

Similar Description - 9832F

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RNS1YC KOA-RNS1YC Datasheet
95Kb / 2P
MIL approved metal film leaded resistor
logo
OptoSupply Internationa...
OSWT0603C1A OPTOSUPPLY-OSWT0603C1A_11 Datasheet
145Kb / 2P
1.6 x 0.8 x 0.4mm white SMD
logo
KOA Speer Electronics, ...
RNS18ECT52R1001F KOA-RNS18ECT52R1001F Datasheet
260Kb / 2P
MIL approved metal film leaded resistor
logo
Molex Electronics Ltd.
0479480001 MOLEX11-0479480001 Datasheet
202Kb / 3P
2.4GHZ SMD ON GROUND ANTENNA CARRIER
logo
Roithner LaserTechnik G...
ELS-810-638 ROITHNER-ELS-810-638 Datasheet
41Kb / 1P
SMD - LED on silicon carrier
logo
3M Electronics
9833 3M-9833 Datasheet
48Kb / 2P
3MTM Single Coated Polyurethane Medical Tape on White Carrier
Jul-2013
9834 3M-9834 Datasheet
48Kb / 2P
3MTM Single Coated Polyurethane Medical Tape on White Carrier
Aug-2013
9836 3M-9836 Datasheet
46Kb / 2P
3MTM Single Coated Polyurethane Medical Tape on Poly Carrier with Liner
May-2014
8561 3M-8561 Datasheet
100Kb / 2P
Polyurethane Protective Tape
Apr-2010
logo
Bertech.
PPF BERTECH-PPF Datasheet
109Kb / 1P
1 Mil High Temperature Polyimide Film
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com