Electronic Components Datasheet Search
  English  ▼

X  

TLE4943C Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # TLE4943C
Description  Hall Based Differential Wheel Speed Sensor with AK protocol
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4943C Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button TLE4943C Datasheet HTML 35Page - Infineon Technologies AG TLE4943C Datasheet HTML 36Page - Infineon Technologies AG TLE4943C Datasheet HTML 37Page - Infineon Technologies AG TLE4943C Datasheet HTML 38Page - Infineon Technologies AG TLE4943C Datasheet HTML 39Page - Infineon Technologies AG TLE4943C Datasheet HTML 40Page - Infineon Technologies AG TLE4943C Datasheet HTML 41Page - Infineon Technologies AG TLE4943C Datasheet HTML 42Page - Infineon Technologies AG TLE4943C Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
TLE4943C
Data Sheet
39
V 1.2, July 2018
3.7
Change of Direction of Encoder
A local extremum (maximum or minimum) of the magnetic input signal can be caused during a reversal of rotation
direction. In this case the local extremum can be detected by the IC and used for offset calibration. (E.g. the local
maximum marked by an arrow in the diagram below.) Obviously the calculated offset value will be incorrect with
respect to the following signal. As worst case a duty cycle up to max. 15% to 85% could occur for a few pulses.
After a re-calibration, which typically takes place after 2...3 zero-crossings the offset will be correct again and
hence the duty cycle. A local extremum is detected when the extremum exceeds the value of half of the difference
between the two previous extreme (dB > 0.25*dBpp). Smaller extrema are not deteced. As a result of "bad" duty
cycle after fast direction reversal the sampling points for direction detection are at unusual signal phase angles
also.
At a change of rotation direction in calibrated mode two consecutive samples of dBdir have the same sign therefore
direction detection is set to invalid. To guarantee a valid direction the next zero crossings after change of direction
are used to detect direction. The direction information validity at those two speed pulses is set to invalid and
direction of rotation is set to default. Also, the validity of signal amplitude measurement is set to invalid, signal
amplitude contains default values and LR is set to 0 (no error). At the latest with the third pulse after direction
reversal, direction information is valid and direction is issued again. Signal amplitude validity is set to valid and its
according signal amplitude measurement and LR is issued after two new valid extrema are found.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com