Electronic Components Datasheet Search
  English  ▼

X  

TLE4959CFX Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE4959CFX
Description  TLE4959C FX Flexible Transmission SpeedSensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4959CFX Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4959CFX Datasheet HTML 7Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 8Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 9Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 10Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 11Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 12Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 13Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 14Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
11
1.0
2018-02
TLE4959C FX Flexible Transmission Speed Sensor
Electrical and Magnetic Characteristics
Note:
VPullup = 5 V, RPullup =1.2 kΩ (+/-10%), CQ = 1.8 nF (+/-15%), valid between 50% of falling edge to
50% of next rising edge
Attention: First pulse after magnetic edge suppressed
Note:
VPullup = 5 V, RPullup =1.2 kΩ (+/-10%), CQ = 1.8 nF (+/-15%), valid between 50% of falling edge to
50% of next rising edge
Output pulse at High speed
thigh_speed
25.5
30
34.5
µs
pulse available after High
speed option has been
selected
Stand still pulse
tstand-still
51
60
69
µs
pulse availablestand stillafter
pulse option has been
selected. Pulse delivered if no
relevant magnetic signal
change has been detected
within 50ms
Table 6
Option 2
Parameter
Symbol
Values
Unit
Note or Test Condition
Min.
Typ.
Max.
Output pulse in forward
direction
tfwd
38
45
52
µs
Output pulse in backward
direction
tbwd
153
180
207
µs
Output pulse at High speed
thigh_speed
38
45
52
µs
pulse available after High
speed option has been
selected
Table 7
Option 3
Parameter
Symbol
Values
Unit
Note or Test Condition
Min.
Typ.
Max.
Output pulse in forward
direction
tfwd
51
60
69
µs
Output pulse in backward
direction
tbwd
102
120
138
µs
Power on pulse
tpower-on
25.5
30
34.5
µs
Output pulse at High speed
thigh_speed
25.5
30
34.5
µs
pulse available after High
speed option has been
selected
Table 5
Option 1 (cont’d)
Parameter
Symbol
Values
Unit
Note or Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com