Electronic Components Datasheet Search
  English  ▼

X  

203 Datasheet(PDF) 1 Page - 3M Electronics

Part # 203
Description  Masking Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

203 Datasheet(HTML) 1 Page - 3M Electronics

  203 Datasheet HTML 1Page - 3M Electronics 203 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Masking Tape
203
Technical Data
December, 2010
Product Description
3M™ Masking Tape 203 is a general purpose masking tape that can be used for
holding, bundling, sealing and a vast number of other jobs where a pressure-
sensitive tape is needed.
Product Construction
Backing
Adhesive
Color
Standard Roll Length
Crepe Paper
Rubber
Tan
60 yds. (54.9 m)
Typical Physical
Properties
Note: The following technical information and data should be considered representative
or typical only, and should not be used for specification purposes.
IMPORTANT NOTICE: The following technical data is from tests conducted on samples
taken from limited production data. 3M will continue to test samples from additional
production runs and will issue an updated technical data sheet. 3M recommends you test this
product to make sure it is fit for your particular purpose and suitable for your applications.
ASTM Test Method
Adhesion to Steel:
30 oz./in. width (32.8 N/100 mm)
D-3330
Tensile Strength:
20 lbs./in. width (350 N/100 mm)
D-3759
Elongation at Break:
8.3%
D-3759
Tape Thickness:
4.7 mils (0.12 mm)
D-3652
Temperature Use Range:
Up to 200°F (93°C) for up to 30 minutes
Removes Cleanly*
*Has been laboratory tested on painted steel panels and found to remove cleanly at bake temperatures
of up to 200°F (93.3°C) for 30 minutes. The actual temperature and time performance may be higher or
lower for a given application. Clean removal can vary dependent on surface type, processing conditions
such as multiple bakes, type of paint involved as well as the temperature of the surface at removal. We
recommend testing the product under your conditions to determine if it meets your needs.
Features
• Tape has been tested and found to meet the requirements of ASTM D 6123 /
D 6123M-97. Can be certified to this standard upon request.
• The rubber adhesive provides good instant adhesion that sticks to a wide variety
of surfaces.
• Good holding power to resist lifting or curling.
• Crepe paper backing that is conformable.
• Backing resists slivering yet is hand tearable.
• Designed for indoor use. Tape may become very difficult to remove if subjected
to prolonged outdoor exposure.


Similar Part No. - 203

ManufacturerPart #DatasheetDescription
logo
Littelfuse
203 LITTELFUSE-203 Datasheet
41Kb / 1P
Surface Mount Fuses - Subminiature Surface Mount & Dip Types
logo
Laird Tech Smart Techno...
203 LSTD-203 Datasheet
620Kb / 2P
BLACK COLOR NI/CU POLYESTER TAFFETA FABRIC-OVER-FOAM
logo
Alpha Wire
203 ALPHAWIRE-203 Datasheet
195Kb / 2P
M12-A Female 5 Pin Field Attachable
logo
Ashcroft, Inc.
203 ASHCROFT-203 Datasheet
670Kb / 5P
102/103, 202/203, 302/303 Flanged Diaphragm Seal
RevD_02-17-21
logo
Abbatron All Rights Res...
203 ABBATRON-203 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
More results

Similar Description - 203

ManufacturerPart #DatasheetDescription
logo
3M Electronics
213 3M-213 Datasheet
53Kb / 2P
High-Temperature Masking Tape
Feb-2011
232 3M-232 Datasheet
29Kb / 2P
High Performance Masking Tape
Feb-2011
2308 3M-2308 Datasheet
342Kb / 2P
Performance Masking Tape
Dec-2007
2364 3M-2364 Datasheet
29Kb / 2P
Performance Masking Tape
Feb-2011
2380 3M-2380 Datasheet
28Kb / 2P
Performance Masking Tape
Feb-2011
06525 3M-06525 Datasheet
29Kb / 3P
Precision Masking Tape
Sep-2011
06541 3M-06541 Datasheet
45Kb / 2P
Highland™ Masking Tape 2727
04-Oct-2007
8985L 3M-8985L Datasheet
118Kb / 6P
3M™ Anodization Masking Tape 8985L
Feb-2020
234 3M-234 Datasheet
129Kb / 5P
3M™ General Purpose Masking Tape 234
Feb-2016
2307 3M-2307 Datasheet
131Kb / 5P
3M??Masking Tape 2307
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com