Electronic Components Datasheet Search
  English  ▼

X  

213 Datasheet(PDF) 1 Page - 3M Electronics

Part # 213
Description  High-Temperature Masking Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

213 Datasheet(HTML) 1 Page - 3M Electronics

  213 Datasheet HTML 1Page - 3M Electronics 213 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Scotch®
High-Temperature Masking Tape
213
Product Description
Scotch
® Tape 213 is a very high-temperature resistant tape for use in masking and
holding applications where temperatures reach 350°F (177°C) up to 30 minutes.
This tape is generally the most transfer-resistant adhesive of all the 3M paper tapes,
as the firm adhesive does not anchor itself as softer adhesives often do.
Typical Physical
Properties
Technical Data
February, 2011
ASTM Test Method
Adhesion to Steel:
34 oz./in. width (37 N/100 mm)
D-3330
Tensile Strength:
27 lbs./in.width (480 N/100 mm)
D-3759
Elongation at Break:
10%
D-3759
Thickness:
6.0 mils (.152 mm)
D-3652
Temperature Use Range:
Up to 350°F (177°C) up to 30 minutes
Construction
Backing
Adhesive
Color
Standard Roll Length
Crepe paper
Rubber
Tan
60 yds. (54.8 m)
Features
• Highly cured rubber adhesive for excellent high-temperature holding and
adhesive transfer resistance to keep edge lifting minimized to help reduce rework
and labor.
• Specially treated crepe paper backing that is sliver resistant, conformable, easy
tear, and solvent and moisture resistant to help reduce waste and labor.
• Special backsize treatment to controlled unwind for easy use that helps reduce
waste.
• Designed for indoor use only as it should not be subjected to outdoor exposure or
prolonged periods of sunlight as tape may become very difficult to remove.
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.


Similar Part No. - 213

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
213 ALPHAWIRE-213 Datasheet
200Kb / 2P
M8 Male 4 Pin Field Attachable
logo
Littelfuse
213 LITTELFUSE-213 Datasheet
880Kb / 3P
5횞20mm time-Lag surge withstand glass body cartridge fuse designed to IEC specification
213 LITTELFUSE-213 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
EAO AG.
213-0100-00 EAO-213-0100-00 Datasheet
3Mb / 86P
Switches and Indicators
01.2002
logo
ATGBICS by Approved Tec...
213-1002-000-C ATGBICS-213-1002-000-C Datasheet
293Kb / 8P
213-1002-000 Marconi Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
More results

Similar Description - 213

ManufacturerPart #DatasheetDescription
logo
3M Electronics
203 3M-203 Datasheet
28Kb / 2P
Masking Tape
Dec-2010
232 3M-232 Datasheet
29Kb / 2P
High Performance Masking Tape
Feb-2011
2308 3M-2308 Datasheet
342Kb / 2P
Performance Masking Tape
Dec-2007
2364 3M-2364 Datasheet
29Kb / 2P
Performance Masking Tape
Feb-2011
2380 3M-2380 Datasheet
28Kb / 2P
Performance Masking Tape
Feb-2011
06525 3M-06525 Datasheet
29Kb / 3P
Precision Masking Tape
Sep-2011
06541 3M-06541 Datasheet
45Kb / 2P
Highland™ Masking Tape 2727
04-Oct-2007
2393 3M-2393 Datasheet
126Kb / 5P
3M™ Premium High Temperature Masking Tape
Jun-2015
234 3M-234 Datasheet
129Kb / 5P
3M™ General Purpose Masking Tape 234
Feb-2016
2307 3M-2307 Datasheet
131Kb / 5P
3M??Masking Tape 2307
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com