Electronic Components Datasheet Search
  English  ▼

X  

1003SL Datasheet(PDF) 1 Page - 3M Electronics

Part # 1003SL
Description  3M™ Fire Barrier Water Tight Sealants
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

1003SL Datasheet(HTML) 1 Page - 3M Electronics

  1003SL Datasheet HTML 1Page - 3M Electronics 1003SL Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3M™ Fire Barrier Water Tight Sealants
1000 NS and 1003 SL
Product Data Sheet
1. Product Description
3M™ Fire Barrier Water Tight Sealants 1000 NS and 1003 SL are ready-to-use, single component, neutral cure, silicone
sealants that cure upon exposure to atmospheric humidity to form a flexible firestop seal. 3M™ Fire Barrier Water Tight
Sealants help control the spread of fire, smoke and noxious gasses before, during and after exposure to a fire when installed
in accordance with a listed through penetration or fire-resistive joint assembly.
3M™ Fire Barrier Water Tight Sealant 1000 NS is a non-slump firestop used primarily on vertical surfaces while 3M™ Fire
Barrier Water Tight Sealant 1003 SL is a self-leveling firestop ideal for floor applications. These firestop sealants also meets
UL Water Leakage Test, W Rating — Class 1 requirements for systems tested and listed in accordance with ANSI/UL 1479.
Both products are elastomeric, are ready-to use and exhibit excellent weatherability.
2. Applications
3M™ Fire Barrier Water Tight Sealant 1000NS and 3M™ Fire Barrier Water Tight Sealant 1003SL are used
to firestop blank openings, dynamic and static construction joints and the following penetrating items that pass through fire-rated floor or wall assemblies:
metallic pipes, non-metallic pipes, cables, cable tray, insulated pipes, combos and other miscellaneous mechanical penetrations. For vertical firestop applications
use 3M™ Fire Barrier Water Tight Sealant 1000 NS (non-slump) and for horizontal applications use 3M™ Fire Barrier Water Tight Sealant 1003 SL (self-leveling).
For technical support relating to 3M™ Fire Protection Products and Systems, call: 1-800-328-1687
For more information on 3M™ Fire Protection Products, visit: www.3M.com/firestop
3. Specifications
3M™ Fire Barrier Water Tight Sealant 1000 NS and 1003 SL are ready-to-use,
single component, neutral cure, non- slumping (1000 NS) or self-leveling (1003
SL), silicone sealants. The sealants shall be listed by independent test agencies
such as UL, ULC, Intertek or FM. 3M™ Fire Barrier Water Tight Sealants 1000
NS and 1003 SL shall be tested to and pass the criteria of ASTM E 814 (UL 1479)
Standard Test Method for Fire Tests of Penetration Firestop Systems, ASTM E
1966 (UL 2079) Standard Test Method for Fire Resistive Joint Systems, CAN/
ULC-S115 Standard Method of Fire Tests of Firestop Systems. These sealants
shall meet UL W-Rating Class 1 requirements for watertightness. 3M™ Fire
Barrier Water Tight Sealant 1000 NS and 1003 SL shall meet the requirements
of NEC (NFPA 70), IBC, IFC, IRC, NBCC, NFPA 101 and NFPA 5000.
Typically Specified MasterFormat (2004)
Section 07 84 00 – Firestopping
Related Sections
Section 07 27 00 – Air Barriers
Section 07 84 16 – Annular Space Protection
Section 07 84 43 – Fire-Resistant Joint Sealants
Section 07 86 00 – Smoke Seals
Section 07 87 00 – Smoke Containment Barriers
Section 07 92 13 – Elastomeric Joint Sealants
Section 07 92 19 – Acoustical Joint Sealants
Section 21 00 00 – Fire Suppression
Section 22 00 00 – Plumbing
Section 23 00 00 – Heating, Ventilating and Air Conditioning (HVAC)
Section 26 00 00 – Electrical
Meets Air Leakage
Requirements
SMOKE SEAL
L
UL Water Leakage
Rating
WATER BARRIER
1W
56
In SRC 56-rated
Wall Assembly
UP
TO
Fire Protection
FIRE BARRIER
3
FILL, VOID OR CAVITY
MATERIALS
8R57
FIRESTOP SYSTEMS
SEE INTERTEK DIRECTORY
FILL, VOID OR CAVITY MATERIAL
FOR USE IN JOINT SYSTEMS AND
THROUGH-PENETRATION FIRESTOP SYSTEMS
SEE UL FIRE RESISTANCE DIRECTORY
8R57
±
25%
Movement
Capability
ELASTOMERIC
Product Features
• Firestop tested up to 3 hours in
accordance with ASTM E 814
(UL 1479) & CAN/ULC-S115
• Joint System Fire Resistance tested
in accordance with ASTM E 1966
(UL 2079) & CAN/ULC-S115
• Meets UL Water Leakage Test,
W Rating — Class 1 requirements
• Compression/extension capability
of ± 31%
High-performance silicone sealant provides
a barrier against fire, water and sound
1000 NS and 1003 SL
Light Gray
• Excellent adhesion
• Re-enterable/repairable
• Excellent weatherability
upon cure
• Paintable with primer
• Helps minimize sound transfer*
• Halogen-free, low VOC**
• Excellent caulk rate —
applied with conventional
caulking equipment
*Minimizes noise transfer — STC-Rating of 56 when tested in STC 56-rated wall assembly.
**Complies with the intent of LEED® NC-EQ Credit 4.1 for Low-Emitting Materials: Adhesives and Sealants, contains <250 g/L
VOC contents (less H2O and exempt solvents per SCAQMD Rule 1168).


Similar Part No. - 1003SL

ManufacturerPart #DatasheetDescription
logo
Make-Ps
1003S12FPW MAKE-PS-1003S12FPW Datasheet
248Kb / 4P
Single & Dual Output DC/DC Converter
1003S12LNB MAKE-PS-1003S12LNB Datasheet
173Kb / 4P
Single Output DC/DC Converter
1003S24FPW MAKE-PS-1003S24FPW Datasheet
248Kb / 4P
Single & Dual Output DC/DC Converter
1003S24LNB MAKE-PS-1003S24LNB Datasheet
173Kb / 4P
Single Output DC/DC Converter
1003S48FPW MAKE-PS-1003S48FPW Datasheet
248Kb / 4P
Single & Dual Output DC/DC Converter
More results

Similar Description - 1003SL

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
370AA003B08 GLENAIR-370AA003B08 Datasheet
148Kb / 2P
Water-Tight Cable Sealing Backshell
370AA004B08 GLENAIR-370AA004B08 Datasheet
242Kb / 2P
Water-Tight Cable Sealing Backshell
370GA008NF11 GLENAIR-370GA008NF11 Datasheet
227Kb / 2P
Water-Tight Cable Sealing Backshell
logo
3M Electronics
B258 3M-B258 Datasheet
83Kb / 4P
3M Fire Barrier Block B258
PM4 3M-PM4 Datasheet
347Kb / 2P
3M Fire Barrier Packing Material PM4
PPD 3M-PPD Datasheet
156Kb / 3P
3M??Fire Barrier Plastic Pipe Device (PPD)
MAT1-10 3M-MAT1-10 Datasheet
142Kb / 4P
Fire Protection Products 3M??Interam?
DP5106 3M-DP5106 Datasheet
174Kb / 7P
3M??Scotch-Weld??Control Joint SEALANTS DP5106, Self-Leveling, Gray
EC-4419 3M-EC-4419 Datasheet
38Kb / 4P
3M Scotch-GripTM Fire Resistant Rubber Based Adhesive
15WB 3M-15WB Datasheet
977Kb / 2P
3M??Fire Barrier Sealant IC 15WB
2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com