Electronic Components Datasheet Search
  English  ▼

X  

1502 Datasheet(PDF) 1 Page - 3M Electronics

Part # 1502
Description  Venture Tape™ Metallized Cloth Duct
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

1502 Datasheet(HTML) 1 Page - 3M Electronics

  1502 Datasheet HTML 1Page - 3M Electronics 1502 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Venture Tape™ Metallized Cloth Duct
Tape 1502




Technical Data
April, 2015






Product Description
3M™ Venture Tape™ Metallized Cloth Duct Tape 1502 is a high strength, premium
quality metallized cloth duct tape coated with an aggressive rubber pressure sensitive
adhesive. It is easy to apply, will not curl when unwound and conforms well to
irregular surfaces, providing superior performance and durability over a wide range
of conditions.






Product Construction
Backing
Adhesive
Standard Roll Length


Metallized Polyethylene
Rubber
60 yds (55 m)








Features
• Hand tearable and applies easily


• Excellent for high heat and humidity conditions


• Conforms well to corners and irregular surfaces






Typical Physical
Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.




Test


Typical Value


Typical Value (Metric)


Test Method


Product Thickness


11.0 mils


0.28 mm


PSTC-133
Peel Adhesion
55 oz/in
15.3 N/25 mm
PSTC-101
Shear Adhesion
>24 hrs @ 2.2 psi
>24 hrs @ 15.2 kPa
PSTC-107
Tensile Strength
23 lb/in
104.0 N/25 mm
PSTC-131
Elongation
10%
10%
PSTC-131
Service Temperature
0° to 200°F
-18° to 93°C








Application Ideas
• Vapor sealing


• Sheet metal ductwork


• Adheres well to fiber duct board, flexible duct and sheet metal duct


Similar Part No. - 1502

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
1502 MARATHON-1502 Datasheet
230Kb / 3P
Replace XX with 02, 04, 06, 08 or 12 for number of poles
REV-B 11/06/2019
logo
List of Unclassifed Man...
1502-1 ETC2-1502-1 Datasheet
439Kb / 1P
TURRET TERMINALS
1502-2 ETC2-1502-2 Datasheet
439Kb / 1P
TURRET TERMINALS
1502-3 ETC2-1502-3 Datasheet
439Kb / 1P
TURRET TERMINALS
1502-4 ETC2-1502-4 Datasheet
439Kb / 1P
TURRET TERMINALS
More results

Similar Description - 1502

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1500 3M-1500 Datasheet
175Kb / 2P
Venture Tape™ Cloth Duct Tape
Apr-2015
1501 3M-1501 Datasheet
173Kb / 2P
Venture Tape™ Cloth Duct Tape
Apr-2015
1506R 3M-1506R Datasheet
141Kb / 2P
Venture Tape™ Polyethylene Tape
Apr-2015
1507 3M-1507 Datasheet
271Kb / 2P
Venture Tape™ Line Set Tape & Venture Tape™ Reflective
Jan-2017
1520CW 3M-1520CW Datasheet
252Kb / 2P
Venture Tape™ Aluminum Foil Tape
Jan-2017
1525CW 3M-1525CW Datasheet
207Kb / 2P
Venture Tape™ FSK Facing Tape
Oct-2017
1537CW 3M-1537CW Datasheet
248Kb / 2P
Venture Tape™ Facing Tape
Sep-2017
1599B 3M-1599B Datasheet
219Kb / 2P
Venture Tape™ UL181B-FX Polypropylene Duct Tape 1599B
Jan-2017
3520CW 3M-3520CW Datasheet
236Kb / 2P
Venture Tape??Aluminum Foil Tape
398FR 3M-398FR Datasheet
14Kb / 2P
Glass Cloth Tape
06-Feb-2003
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com