Electronic Components Datasheet Search
  English  ▼

X  

1774W Datasheet(PDF) 2 Page - 3M Electronics

Part # 1774W
Description  3M Medical Materials & Technologies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

1774W Datasheet(HTML) 2 Page - 3M Electronics

  1774W Datasheet HTML 1Page - 3M Electronics 1774W Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Please recycle. Printed in USA
© 3M 2018. All rights reserved.
Sept. 2018
Product and Safety Information: User is solely responsible for determining the suitability of 3M samples and
products for the intended use including any necessary safety or toxicity assessment. 3M will provide Material
Safety Data Sheets or equivalent and summary results of biocompatibility testing upon request. In every case
before using any product in full scale production users should conduct their own tests to determine to their
own satisfaction whether the product is of acceptable quality and is suitable for their particular purposes under
their own operating conditions.
Notice: Nothing contained herein shall be construed to imply the nonexistence of any relevant patents or to
constitute a permission, inducement or recommendations to practice any invention covered by any patent,
without authority from the owners of this patent.
Warranty Information
All statements, technical information and recommendations herein are based on tests 3M believes to be
reliable, but the accuracy or completeness thereof is not guaranteed. 3M warrants only that products will meet
3M’s specifications at the time of shipment to the customer. 3M does not offer any other warranty and does
not warrant the performance, safety or such other characteristics of Products in combination with other
materials. 3M specifically DOES NOT warrant Products for any intended or unintended uses (whether or not
foreseeable); for compatibility or suitability with other components or compatibility with any methods of
manufacture or conversion. The foregoing warranty is made in lieu of all other warranties, expressed or
implied, including the implied warranties of merchantability, fitness for a particular purpose and freedom from
non-infringement.
Limitation of Remedies: If products are proven not to meet 3M’s specifications, the sole and exclusive remedy
available and 3M’s only obligation shall be, at 3M’s option, to replace such quantity of Products which are
proven out of specification or to refund the purchase price paid for Products.
Limitations of Liabilities: The remedies provided herein are exclusive remedies against 3M for any alleged or
actual nonconformance to specifications or defect or other failure in products or for 3M’s performance of its
supply obligations. Under no circumstances is 3M liable for any direct, indirect, incidental, special or
consequential damages (including lost profits) in any way related to the product under any theory of law
including, but not limited to, negligence and strict liability.
Ordering Information
Call us at Customer Service to place an order: 800-742-1994 (U.S.). Visit our website:
www.3M.com/MedTech for product and services information, news about conferences we will be attending,
new product highlights or to make a direct inquiry.
To have a sales representative contact you, to request samples or clinical and safety summaries, please
contact us at 3M HELPLINE 800-228-3957 (U.S.) or for international inquiries, please contact your local
country representative.
3M Medical Materials & Technologies
3M Center, Building 275-5W-05
St. Paul, MN 55144-1000 USA
Tel.: +1-800-228-3957
Web: www.3M.com/MedTech
Please recycle. Printed in USA
© 3M 2020. All rights reserved.
March 2020



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com