Electronic Components Datasheet Search
  English  ▼

X  

2364 Datasheet(PDF) 1 Page - 3M Electronics

Part # 2364
Description  Performance Masking Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2364 Datasheet(HTML) 1 Page - 3M Electronics

  2364 Datasheet HTML 1Page - 3M Electronics 2364 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Scotch
®
Performance Masking Tape
2364
Technical Data
February, 2011
Product Description
Scotch
® Performance Masking Tape 2364 is a tan colored crepe paper masking tape
for general masking applications in the industrial market where good holding power
and temperature performance is required.
Product Construction
Backing
Adhesive
Color
Standard Roll Length
Smooth crepe paper treated
Natural/synthetic
Tan
55 m (60.17 yds.)*
with a heat resistant saturant
rubber blend
*Available in metric widths (e.g., 24 mm corresponds to 1 inch).
Typical Physical
Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
ASTM Test Method
Adhesion to Steel:
31 oz./in. width (34 N/100 mm)
D-3330
Tensile Strength:
24 lbs./in. width (427 N/100 mm)
D-3759
Elongation at Break:
10%
D-3759
Tape Thickness:
6.5 mils (0.165 mm)
D-3652
Temperature Use Range:
Up to 300°F (149°C) for 30 minutes
Features
• Has a strong backing, making it a good choice for general masking applications.
• Offers excellent holding at both room temperature and at a higher bake oven
temperature.
• Has been laboratory tested on painted steel panels and found to remove cleanly
at bake temperatures up to 300°F (149°C) for 30 minutes. The actual temperature
and time performance may be higher or lower for a given application. Clean
removal can vary dependent on surface type, processing conditions such as
multiple bakes, type of paint involved as well as the temperature of the surface at
removal. We recommend testing the product under your conditions to determine
if it meets your needs.
• Should not be subjected to outdoor exposure or prolonged periods of sunlight as
tape may become difficult to remove.


Similar Part No. - 2364

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2364 KR-2364 Datasheet
23Kb / 1P
Active Lowpass Filter
logo
Heyco.
2364 HEYCO-2364 Datasheet
116Kb / 1P
Nylon Hose Clamps
logo
Keystone Electronics Co...
2364 KEYSTONE-2364 Datasheet
396Kb / 1P
RETAINING SPACERS & HINGED STANDOFFS
31-07 20th
logo
TE Connectivity Ltd
2364072-1 TEC-2364072-1 Datasheet
254Kb / 1P
CABLE ASSEMBLY, 4 PAIR 4 COLUMN WHISPER RECEPTACLE TO 2X 0.5C SLIVER 2.0
2364072-2 TEC-2364072-2 Datasheet
254Kb / 1P
CABLE ASSEMBLY, 4 PAIR 4 COLUMN WHISPER RECEPTACLE TO 2X 0.5C SLIVER 2.0
More results

Similar Description - 2364

ManufacturerPart #DatasheetDescription
logo
3M Electronics
203 3M-203 Datasheet
28Kb / 2P
Masking Tape
Dec-2010
213 3M-213 Datasheet
53Kb / 2P
High-Temperature Masking Tape
Feb-2011
231 3M-231 Datasheet
126Kb / 5P
3M™ High Performance Masking Tape 231/231A
Jul-2015
232 3M-232 Datasheet
29Kb / 2P
High Performance Masking Tape
Feb-2011
2308 3M-2308 Datasheet
342Kb / 2P
Performance Masking Tape
Dec-2007
2380 3M-2380 Datasheet
28Kb / 2P
Performance Masking Tape
Feb-2011
06525 3M-06525 Datasheet
29Kb / 3P
Precision Masking Tape
Sep-2011
06541 3M-06541 Datasheet
45Kb / 2P
Highland™ Masking Tape 2727
04-Oct-2007
234 3M-234 Datasheet
129Kb / 5P
3M™ General Purpose Masking Tape 234
Feb-2016
2307 3M-2307 Datasheet
131Kb / 5P
3M??Masking Tape 2307
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com