Electronic Components Datasheet Search
  English  ▼

X  

7335 Datasheet(PDF) 1 Page - 3M Electronics

Part # 7335
Description  3MTM Low-Profile Fastener Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

7335 Datasheet(HTML) 1 Page - 3M Electronics

  7335 Datasheet HTML 1Page - 3M Electronics 7335 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 3M 2011 All Rights Reserved.
Technical Information Sheet
3M
TM Low-Profile Fastener Systems
#7335, White Low-Profile Polyolefin Hook Fastener with Medical Adhesive
Effective Date: August 2011
Supersedes all previous information sheets
Product Description:
#7335 is a white polyolefin hook fastener backed with a high tack, synthetic rubber-based
adhesive designed for medical device construction and applications that require high peel
strength.
Features and Benefits:
- Aggressive Adhesion to Films & Nonwovens
- EtO Sterilization Compatible
- Medical Device Construction & Closures
- Thin and Conformable
- Limited Gamma Exposure - <45kGrays
Composition:
Hook
White Polyolefin Copolymer
Adhesive
Double-coated synthetic rubber system, 3M Proprietary,
designed for medical use
Internal Adhesive Carrier
1 mil (0.025 mm) Polyethylene
Release Liner
58 lb. Polycoated Kraft Paper, 2-side silicone-coated
4.3 mil (0.11 mm)
Properties
1:
135 Degree Peel, Average²
~ 12.5 oz/inch width (360 g/25 mm width)
Dynamic Shear Closure, Average²
~ 290 oz/0.5 inch
2 (8.3 kg/3.25 cm2)
Tape Thickness, no liner
23 mils (0.6 mm) typical
Adhesion to LDPE, 180 Degree Peel
36 oz/inch width (1.0 kg/25 mm width)
Liner Release, Maximum
40 gm/inch width (40 gm/25 mm width)
Maximum Roll Length & Width
Width – 26 inches (66 cm)
Length – 145 yards (~132 meters)
1 Properties listed based on limited data and subject to change.
2 Peel and shear tested used 3M #7330 Loop, are based on limited data and subject to change
Prototype Storage Conditions:
Product as supplied in original packaging will maintain stated properties for a period of two
[2] years from date stamped on shipping container when stored at temperatures between 50-
80
°F (10-27°C) and relative humidity between 40-60 percent.
Please see reverse side for important product, safety and warranty information.


Similar Part No. - 7335

ManufacturerPart #DatasheetDescription
logo
Heyco.
7335 HEYCO-7335 Datasheet
132Kb / 1P
Female Pin Connectors
logo
V-COIL THREAD SYSTEM
7335 V-COIL-7335 Datasheet
102Kb / 3P
Wire-Thread-Inserts
logo
Lumberg
733500 LUMBERG-733500 Datasheet
579Kb / 4P
SmartSKEDD direct connectors, pitch 2.5 mm
733510 LUMBERG-733510 Datasheet
470Kb / 4P
SmartSKEDD direct connectors, pitch 2.5 mm
logo
Whirlpool.
7335155 WHIRLPOOL-7335155 Datasheet
1Mb / 28P
How to install, operate and maintain your Demand Controlled Water Softener
Rev. H 1/30/25
More results

Similar Description - 7335

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
KNF-30 RICHCO-KNF-30 Datasheet
30Kb / 1P
KWIK NUT FASTENER
logo
List of Unclassifed Man...
561-C00500 ETC2-561-C00500 Datasheet
85Kb / 2P
PC Board Fastener
logo
Richco, Inc.
BPF-A414 RICHCO-BPF-A414 Datasheet
52Kb / 1P
BARBED PUSH FASTENER
DF-137-010 RICHCO-DF-137-010 Datasheet
22Kb / 1P
DRIVE FASTENER
logo
3M Electronics
7331 3M-7331 Datasheet
44Kb / 2P
3MTM Gamma Stable Medical Fastener
Nov-2010
7334 3M-7334 Datasheet
46Kb / 2P
3MTM Low-Profile Fastener Systems
Aug-2011
9795R 3M-9795R Datasheet
48Kb / 2P
3MTM Advanced Polyolefin Tape
Mar-2010
SJ3572 3M-SJ3572 Datasheet
201Kb / 6P
3M™ Hook Fastener SJ3572
Apr-2014
SJ4570 3M-SJ4570 Datasheet
151Kb / 4P
3M™ Dual Lock Low Profile reclosable fastener SJ4570
Jun-2014
SJ4580 3M-SJ4580 Datasheet
197Kb / 7P
3M™ Dual Lock™ Low Profile reclosable fastener SJ4580
Dec-2003
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com