Electronic Components Datasheet Search
  English  ▼

X  

E1040 Datasheet(PDF) 3 Page - 3M Electronics

Part # E1040
Description  Cushion-Mount™ Plus Plate Mounting Tapes with Easy Mount Adhesive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

E1040 Datasheet(HTML) 3 Page - 3M Electronics

  E1040 Datasheet HTML 1Page - 3M Electronics E1040 Datasheet HTML 2Page - 3M Electronics E1040 Datasheet HTML 3Page - 3M Electronics E1040 Datasheet HTML 4Page - 3M Electronics E1040 Datasheet HTML 5Page - 3M Electronics E1040 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3M™ Cushion-Mount™ Plus
3M™ Cushion-Mount™ Plus
3M™ Cushion-Mount™ Plus
Standard Combination
Standard Combination
Medium Soft Process
Plate Mounting Tapes
Plate Mounting Tapes
Plate Mounting Tapes
Product
E1015
E1020
E1040
E1060
E1315
E1320
Adhesive
Differential Acrylate
Differential Acrylate
Differential Acrylate
Polyethylene Carrier
Standard White Foam
Standard White Foam
Medium Soft Yellow Foam
Type of Printing
Combination of solids and
Combination of solids and
Combination of solids and
tone reproduction where
tone reproduction where
tone reproduction where
solids and process are
solids and process are
process printing is
equally important
equally important
important
Application Thickness
in
0.015
0.020
0.040
0.060
0.015
0.020
(mm)
(0.381)
(0.508)
(1.016)
(1.524)
(0.381)
(0.508)
Thickness
Tape
in
0.017
0.022
0.042
0.062
0.017
0.022
(mm)
(0.432)
(0.559)
(1.017)
(1.525)
(0.432)
(0.559)
Film Liner
in
0.0045
0.0045
0.0045
0.0045
0.0045
0.0045
(mm)
(0.114)
(0.114)
(0.114)
(0.114)
(0.114)
(0.114)
Lot to Lot Tolerance
in
±0.0015
±0.0015
±0.0015
±0.0015
±0.0015
±0.0015
(mm)
(±0.038)
(±0.038)
(±0.038)
(±0.038)
(±0.038)
(±0.038)
Typical Application Area
in
±0.0004
±0.0004
±0.0004
±0.0004
±0.0004
±0.0004
Caliper Variation
(mm)
(±0.010)
(±0.010)
(±0.010)
(±0.010)
(±0.010)
(±0.010)
Roll Length
yd
25
25
50 ft.
50 ft.
25
25
(m)
(22.9)
(22.9)
(15.4)
(15.4)
(22.9)
(22.9)
Maximum Width
in
54
54
54
54
54
54
(mm)
(1371.6)
(1371.6)
(1371.6)
(1371.6)
(1371.6)
(1371.6)
Minimum Width
in
2
2
2
2
2
2
(mm)
(50.8)
(50.8)
(50.8)
(50.8)
(50.8)
(50.8)
Slitting Tolerance
in
±1/32
±1/32
±1/32
±1/32
±1/32
±1/32
(mm)
(±0.794)
(±0.794)
(±0.794)
(±0.794)
(±0.794)
(±0.794)
Density
lb/ft3
28
28
28
28
27
27
(kg/m3)
(450)
(450)
(450)
(450)
(433)
(433)
Compression Deflection
10% Compression
lb/in2
15
15
15
15
12
12
(kPa)
(104)
(104)
(104)
(104)
(49)
(49)
25% Compression
lb/in2
30
30
25
25
25
25
(kPa)
(207)
(207)
(172)
(172)
(172)
(172)
Durometer ASTM-D2240
65
65
40
38
63
63
Shore A
Peel Adhesion (Modified ASTM-D3330)
Non-linered side -
oz/in
55
55
55
65
55
55
Stainless Steel
(N/100mm)
(60)
(60)
(60)
(71)
(60)
(60)
Non-linered side -
oz/in
65
65
58
65
65
65
Composite Sleeve
(N/100mm)
(71)
(71)
(63)
(71)
(71)
(71)
Non-linered side -
oz/in
60
60
55
65
60
60
Polyester
(N/100mm)
(66)
(66)
(60)
(71)
(66)
(66)
Non-linered side -
oz/in
80
80
70
80
80
80
Urethane - A
(N/100mm)
(88)
(88)
(77)
(88)
(88)
(88)
Non-linered side -
oz/in
65
65
50
55
65
65
Urethane - B
(N/100mm)
(71)
(71)
(55)
(60)
(71)
(71)
Peel Adhesion (Modified ASTM-D3330)
Linered side -
oz/in
25
25
18
12
25
25
Photopolymer
(N/100mm)
(28)
(28)
(20)
(14)
(28)
(28)
Solvent Resistance
Water
Excellent
Excellent
Excellent
Excellent
Excellent
Excellent
Alkanes
Excellent
Excellent
Excellent
Excellent
Excellent
Excellent
Alcohols
Good
Good
Good
Good
Good
Good
Acetates
Fair
Fair
Fair
Fair
Fair
Fair
Heat Resistance
°F
120
120
120
120
120
120
(°C)
(49)
(49)
(49)
(49)
(49)
(49)
- 3 -
3M™ Cushion-Mount™ Plus Plate Mounting Tapes with Easy Mount Adhesive
E1815 • E1820 • E1715 • E1720 • E1515 • E1520 • E1015 • E1020 • E1040 • E1060
E1315 • E1320 • E1915 • E1915S • E1920 • E1920S • E1215 • E1220 • E1115 • E1120
Typical Physical Properties
and Performance
Characteristics
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com