Electronic Components Datasheet Search
  English  ▼

X  

KTC3536T Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC3536T
Description  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC3536T Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC3536T Datasheet HTML 1Page - KEC(Korea Electronics) KTC3536T Datasheet HTML 2Page - KEC(Korea Electronics) KTC3536T Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2001. 6. 30
2/3
KTC3536T
Revision No : 0
V
- I
C
COLLECTOR CURRENT I
(A)
COLLECTOR-EMITTER VOLTAGE V
(mV)
0
CE
0
I
- V
C
CE
100
200
300
400
500
1
2
3
4
5
CE(sat)
C
COLLECTOR CURRENT I
(A)
C
I =0mA
50mA
60mA
70mA
80mA
90mA
10mA
20mA
30m
A
B
I /I =50
CB
I /I =50
CB
I /I =20
CB
Ta=
75
C
V
=2V
CE
Ta=7
5 C
Ta=
-25
C
Ta=
25 C
Ta=
25
C
Ta=
-25
C
Ta=25 C
Ta=75 C
Ta=-25 C
Ta=25 C
Ta=75 C
Ta=-25 C
h
- I
FE
C
100
10K
300
500
1K
3K
5K
0.01
0.03
1
0.1
0.3
1
3
10
3
5
10
30
50
100
300
500
1K
V
- I
C
COLLECTOR CURRENT I
(A)
BE(sat)
C
0.01
0.03
0.1
0.3
1
3
10
10
1K
30
50
100
300
500
0.01
0.03
0.1
0.3
1
3
10
V
- I
C
COLLECTOR CURRENT I
(A)
CE(sat)
C
0.01
0.03
1
0.1
0.3
1
3
10
3
5
10
30
50
100
300
500
1K
BASE-EMITTER VOLTAGE V
(V)
0
BE
0
I
- V
C
BE
0.2
0.4
0.6
0.8 0.9
0.1
0.3
0.5
0.7
0.1
0.2
0.3
0.5
0.4
0.6
0.7
0.9
0.8
1.0
V
=2V
CE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com