Electronic Components Datasheet Search
  English  ▼

X  

L6986H3V3 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6986H3V3
Description  38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986H3V3 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6986H3V3 Datasheet HTML 4Page - STMicroelectronics L6986H3V3 Datasheet HTML 5Page - STMicroelectronics L6986H3V3 Datasheet HTML 6Page - STMicroelectronics L6986H3V3 Datasheet HTML 7Page - STMicroelectronics L6986H3V3 Datasheet HTML 8Page - STMicroelectronics L6986H3V3 Datasheet HTML 9Page - STMicroelectronics L6986H3V3 Datasheet HTML 10Page - STMicroelectronics L6986H3V3 Datasheet HTML 11Page - STMicroelectronics L6986H3V3 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
Symbol
Parameter
Test conditions
Note
Min.
Typ.
Max.
Unit
VPP*gCS
Slope compensation
-
(4)
0.45
0.75
1
A
Overvoltage protection
VOVP
Overvoltage trip
(VOVP/VREF)
-
-
1.15
1.2
1.25
-
VOVP HYST
Overvoltage hysteresis
-
-
0.5
2
5
%
Synchronization (fanout: 6 slave devices typ.)
fSYNCH
Synchronization
frequency
LNM; FSW=VCC
-
275
1400 (2)
kHz
LNM; FSW=GND
475
2200 (2)
VSYN TH
SYNCH input threshold
LNM,SYNCH rising
-
0.70
-
1.2
V
ISYN
SYNCH pull-down
current
LNM, VSYN=1.2 V
-
0.7
-
mA
VSYN OUT
High level output
LNM,5 mA sinking load
-
1.40
-
-
V
Low level output
LNM,0.7 mA sourcing load
-
-
-
0.6
Reset
VTHR
Selected RST threshold MLF pinstrapping before SS
-
See Table 7. LNM/ LCM selection
(L6986H3V3), Table 8. LNM/ LCM selection
(L6986H5V) and Table 9. LNM/ LCM selection
(L6986H)
VTHR HYST
RST hysteresis
-
(2)
-
2
-
%
VRST
RST open collector
output
VIN>VINH AND VFB< VTH4
mA sinking load
-
-
-
0.4
V
2 <VIN< VINH 4 mA sinking
load
-
-
-
0.8
Delay
VTHD
RST open collector
released as soon as
VDELAY > VTHD
VFB> VTHR
-
1.19
1.234
1.258
V
ID CH
CDELAY charging
current
VFB> VTHR
-
1
2
3
µA
Thermal shutdown
TSHDWN
Thermal shutdown
temperature
-
(2)
-
165
-
°C
THYS
Thermal shutdown
hysteresis
-
(2)
-
30
-
1. Parameter tested in static condition during testing phase. Parameter value may change over dynamic application conditions.
2. Not tested in production.
3. LCM enables SLEEP mode at light-load.
4. Measured at fsw=250 kHz
L6986H
Electrical characteristics
DS12905 - Rev 2
page 8/68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com