Electronic Components Datasheet Search
  English  ▼

X  

L6986H5V Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6986H5V
Description  38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986H5V Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6986H5V Datasheet HTML 6Page - STMicroelectronics L6986H5V Datasheet HTML 7Page - STMicroelectronics L6986H5V Datasheet HTML 8Page - STMicroelectronics L6986H5V Datasheet HTML 9Page - STMicroelectronics L6986H5V Datasheet HTML 10Page - STMicroelectronics L6986H5V Datasheet HTML 11Page - STMicroelectronics L6986H5V Datasheet HTML 12Page - STMicroelectronics L6986H5V Datasheet HTML 13Page - STMicroelectronics L6986H5V Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
TJ = 25 °C, VIN = 12 V unless otherwise specified.
Table 8. LNM/ LCM selection (L6986H5V)
Symbol RVCC(E24 1%) RGND(E24 1%) Operating mode
VRST/VOUT (tgt.
value)
VRST min. VRSTtyp. VRSTmax. Unit
VRST
0 Ω
NC
LCM
93%
4.557
4.650
4743
V
8.2 kΩ
NC
80%
3920
4000
4080
18 kΩ
NC
87%
4263
4350
4437
39 kΩ
NC
96%
4704
4800
4896
NC
0 Ω
LNM
93%
4557
4650
4743
NC
8.2 kΩ
80%
3920
4000
4080
NC
18 kΩ
87%
4263
4350
4437
NC
39 kΩ
96%
4704
4800
4896
TJ = 25 °C, VIN = 12 V unless otherwise specified.
Table 9. LNM/ LCM selection (L6986H)
Symbol RVCC(E24 1%) RGND(E24 1%) Operating mode
VRST/VOUT (tgt.
value)
VRST min. VRSTtyp. VRSTmax. Unit
VRST
0 Ω
NC
LCM
93%
0.779
0.791
0.802
V
8.2 kΩ ±1%
NC
80%
0.670
0.680
0.690
18 kΩ ±1%
NC
87%
0.728
0.740
0.751
39 kΩ ±1%
NC
96%
0.804
0.816
0.828
NC
0 Ω
LNM
93%
0.779
0.791
0.802
NC
8.2 kΩ ±1%
80%
0.670
0.680
0.690
NC
18 kΩ ±1%
87%
0.728
0.740
0.751
NC
39 kΩ ±1%
96%
0.804
0.816
0.828
L6986H
Electrical characteristics
DS12905 - Rev 2
page 10/68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com