Electronic Components Datasheet Search
  English  ▼

X  

LM4907MM Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4907MM
Description  1 Watt Audio Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4907MM Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4907MM Datasheet HTML 9Page - National Semiconductor (TI) LM4907MM Datasheet HTML 10Page - National Semiconductor (TI) LM4907MM Datasheet HTML 11Page - National Semiconductor (TI) LM4907MM Datasheet HTML 12Page - National Semiconductor (TI) LM4907MM Datasheet HTML 13Page - National Semiconductor (TI) LM4907MM Datasheet HTML 14Page - National Semiconductor (TI) LM4907MM Datasheet HTML 15Page - National Semiconductor (TI) LM4907MM Datasheet HTML 16Page - National Semiconductor (TI) LM4907MM Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Application Information (Continued)
LM4907 MSOP BOARD ARTWORK
Composite View
Silk Screen
200870E3
200870E4
Top Layer
Bottom Layer
200870E5
200870E2
MONO LM4907 REFERENCE DESIGN BOARDS
BILL OF MATERIAL
Part Description
Quantity
Reference Designator
LM4907 Audio AMP
1
U1
Tantalum Capcitor, 1µF
2
C1, C3
Ceramic Capacitor, 0.39µF
1
C2
Resistor, 20k
Ω, 1/10W
2
R2, R3
Resistor, 100k
Ω, 1/10W
1
R1
Jumper Header Vertical Mount 2X1 0.100“ spacing
1
J1
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com