Electronic Components Datasheet Search
  English  ▼

X  

30NF Datasheet(PDF) 4 Page - 3M Electronics

Part # 30NF
Description  3M FastbondTM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

30NF Datasheet(HTML) 4 Page - 3M Electronics

  30NF Datasheet HTML 1Page - 3M Electronics 30NF Datasheet HTML 2Page - 3M Electronics 30NF Datasheet HTML 3Page - 3M Electronics 30NF Datasheet HTML 4Page - 3M Electronics 30NF Datasheet HTML 5Page - 3M Electronics 30NF Datasheet HTML 6Page - 3M Electronics 30NF Datasheet HTML 7Page - 3M Electronics 30NF Datasheet HTML 8Page - 3M Electronics 30NF Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
3M™ Fastbond™
Contact Adhesive 30NF • 30H
- 4 -
Handling/Application
Information (continued)
(1)
(2) Working Temperature: The adhesive and both surfaces to be bonded should be 65°F
(18°C) or above at the time of bonding. After storage at low temperature and before
using, the adhesive must be warmed to room temperature. Do not place in oven or on
stove; bring to temperature by placing in a warm room. If this is not done, the open time
and other working properties of the adhesive may be adversely affected.
Use Enough Adhesive: It is important to remember that it is difficult to use too much
adhesive, but you can have problems if you don’t use enough. 3M™ Fastbond™
Contact Adhesive 30NF must be applied to both surfaces. Adhesive can be applied by
spray (see Application Equipment Suggestions), brush or a texturing type roller.
Non-porous surfaces should require only one coat, while porous surfaces
may require two coats. Wherever you use more than one coat, be sure to
let the adhesive dry completely between coats. Hardwoods, tempered
hardboard and decorative laminates are non-porous. Soft woods, untempered
hardboard, plywood and plaster are typical porous surfaces which may require
two coats.
Note: 3M water-dispersed contact adhesives should never be thinned.
Let Adhesive Dry Completely: Under normal temperature and humidity conditions,
3M™ Fastbond™ Contact Adhesive 30NF will dry in approximately 30 minutes. In
very warm, low humidity conditions, drying may take as little as 10-15 minutes. Lower
temperatures and higher humidity mean slower drying. When the adhesive coating
completely loses its milky appearance and becomes clear it is ready to bond. You have
four (4) hours after the adhesive is dry in which to complete the bonding job. You can
bond as soon as it is dry, but the longer you wait the stronger the initial bond will be.
To speed drying, infrared heat lamps may be used. When force drying is
used, assembly and bonding must be completed while one or both of the
bonding surfaces is warm. If both surfaces are cold, reheat either or both
before bonding.
If your two surfaces do not grab onto each other immediately when brought
into contact, the adhesive has dried too long or not enough adhesive was
applied. In either case, another coat of adhesive over each surface will remedy
the problem.
Apply Pressure Thoroughly: Bonding is immediate upon contact. Sustained
pressure is not required, but good uniform pressure must be applied to every square
inch of the surface. Apply pressure by using heavy body pressure on a small (not
over 3”) hand “J”-roller. The use of a pinch roll is preferred for optimum
performance.
Note: Rolling pins and other wide rollers are unsatisfactory because they
bridge low spots and because they distribute the pressure over too large
an area.
Assembling: Position the surfaces carefully before assembly. No adjustment
is possible after the adhesive films make contact. Use the paper slip sheet
method or spacers to position large pieces.
Finishing: Bonded assemblies can be machined, trimmed and finished
immediately after bonding.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com