Electronic Components Datasheet Search
  English  ▼

X  

519YP2 Datasheet(PDF) 2 Page - 3M Electronics

Part # 519YP2
Description  Sandblast Stencil Products
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

519YP2 Datasheet(HTML) 2 Page - 3M Electronics

  519YP2 Datasheet HTML 1Page - 3M Electronics 519YP2 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3M™ Sandblast Stencil Products
519Y • 519YS • 519YT • 519YP2 • 519YP2S • 519YP2T
519YP • 519YPS • 519YPT
Features (cont.)
• Tan rubber backing is thick yet easy to cut, reducing wear on plotter knives or die-
cutting equipment.
• Clear, polyester outer, release liners of 3M sandblast stencil product 519YP and 519YP2
series allows for faster stencil to stone alignment and cleaner hole punching and tracking
through computer plotters.
• Polypropylene outer, release liner of 3M sandblast stencil product 519Y series
provides a more conformable product to run through computer plotters.
Application Ideas
• Protects granite, marble, wood and other stone surfaces during sandblasting operation,
stencil should be rubbed down firmly to achieve maximum adhesion.
• 3M™ Sandblast Stencil Products should be applied to a warm, clean and dry surface.
When the stencil is applied to cold stone surfaces it is possible for condensation to form as
the stone warms. Condensation can affect the performance of the stencil’s adhesive system.
• 3M™ Sandblast Filler #2 can be used on polished surfaces if increased adhesion is desired.
• 3M™ Sandblast Filler #3 can be used on axed or frosted surfaces if increased
adhesion is desired.
Storage
Store under normal conditions of 60° to 80°F (16° to 27°C) and 40 to 60% relative
humidity in the original packaging material..
Shelf Life
To obtain best performance, use this product within 12 months from date of
manufacture.
Technical
Information
The technical information, recommendations and other statements contained in this document are
based upon tests or experience that 3M believes are reliable, but the accuracy or completeness of such
information is not guaranteed.
Product Use
Many factors beyond 3M
’s control and uniquely within user’s knowledge and control can affect the use
and performance of a 3M product in a particular application. Given the variety of factors that can affect
the use and performance of a 3M product, user is solely responsible for evaluating the 3M product and
determining whether it is fit for a particular purpose and suitable for user
’s method of application.
Warranty,
Limited Remedy,
and Disclaimer
Unless an additional warranty is specifically stated on the applicable 3M product packaging or product
literature, 3M warrants that each 3M product meets the applicable 3M product specification at the time
3M ships the product. 3M MAKES NO OTHER WARRANTIES OR CONDITIONS, EXPRESS OR
IMPLIED, INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OR CONDITION OF
MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE OR ANY IMPLIED WARRANTY
OR CONDITION ARISING OUT OF A COURSE OF DEALING, CUSTOM OR USAGE OF TRADE.
If the 3M product does not conform to this warranty, then the sole and exclusive remedy is, at 3M
’s
option, replacement of the 3M product or refund of the purchase price.
Limitation of Liability
Except where prohibited by law, 3M will not be liable for any loss or damage arising from the 3M product,
whether direct, indirect, special, incidental or consequential, regardless of the legal theory asserted,
including warranty, contract, negligence or strict liability.
ISO 9001
This Industrial Adhesives and Tapes Division product was manufactured under a 3M quality system registered to ISO 9001 standards.
Industrial Adhesives and Tapes Division
3M Center, Building 225-3S-06
St. Paul, MN 55144-1000
800-362-3550 • 877-369-2923 (Fax)
www.3M.com/industrial
Recycled Paper
40% pre-consumer
10% post-consumer
3M is a trademark of 3M Company.
Printed in U.S.A.
©3M 2016 (5/16)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com