Electronic Components Datasheet Search
  English  ▼

X  

519Y Datasheet(PDF) 1 Page - 3M Electronics

Part # 519Y
Description  Sandblast Stencil Products
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

519Y Datasheet(HTML) 1 Page - 3M Electronics

  519Y Datasheet HTML 1Page - 3M Electronics 519Y Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3
Sandblast Stencil Products
519Y • 519YS • 519YT
519YP2 • 519YP2S • 519YP2T
519YP • 519YPS • 519YPT
Technical Data
May 2016
Product
Description
3M™ Sandblast Stencil Products consist of a tan rubber backing; and feature a double liner
design for optimum support of center of letters, numbers and designs patterns. The double liner
includes a yellow, translucent polyester inner liner to provide heightened visibility of cut designs
during positioning and blasting. Variety of liners and hole punch styles available to meet plotter
requirements.
Product
Construction
Product
Number
Format
Rubber
Color
Adhesive
Liner Material and Thickness
Standard Roll
Length
519Y
Hand-cut, Die-cut
and friction fed
Tan
Rubber
Yellow, Translucent Polyester
Inner Liner: (1.5 mils)
White, Polypropylene Outer Liner: (2.0 mils)
10 Yds.(9.1 m)
20 Yds. (9.1 m)
519YS
Slot Fed
519YT
Tractor Fed
519YP2
Hand-cut, Die-cut
and friction fed
Tan
Rubber
Yellow, Translucent Polyester
Inner Liner: (1.5 mils)
10 Yds.(9.1 m)
20 Yds. (9.1 m)
519YP2S
Slot Fed
Clear, Polyester Outer Liner: (2.0 mils)
519YP2T
Tractor Fed
519YP
Hand-cut, Die-cut
and friction fed
Tan
Rubber
Yellow, Translucent Polyester
Inner Liner: (1.5 mils)
10 Yds.(9.1 m)
20 Yds. (9.1 m)
519YPS
Slot Fed
Clear, Polyester Outer Liner: (4.0 mils)
519YPT
Tractor Fed
Typical Physical
Properties
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
ASTM Test Method
Adhesion to Steel:
33 oz./in. width ( 36 N/100 mm)
D-3330
Tensile Strength:
11 lbs/in. width (193 N/100 mm)
D-3759
Total Thickness (without Outer Liner):
48 mils (1.2 mm)
D-3652
Temperature Use Range:
Up to 120°F (49°C)
Features
• 3M sandblast stencil product 519 series offers excellent blast resistance to a variety of
blasting media.
• 3M sandblast stencil product 519 series has a double liner format which supports centers
of letters, numbers and designs to help increase production output.
• Yellow, translucent inner liner has heightened visibility of cut designs allowing for
greater picking productivity, improved blasting accuracy and efficient cleanup of liner
residue.


Similar Part No. - 519Y

ManufacturerPart #DatasheetDescription
logo
3M Electronics
519Y 3M-519Y Datasheet
314Kb / 2P
Sandblast Stencil ProductS
May-2016
More results

Similar Description - 519Y

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DR-TRC105 MURATA-DR-TRC105 Datasheet
712Kb / 1P
RFM products are now Murata products
RX5000 MURATA-RX5000 Datasheet
239Kb / 10P
RFM products are now Murata products
RX5500 MURATA-RX5500 Datasheet
226Kb / 9P
RFM products are now Murata products
RX5501 MURATA-RX5501 Datasheet
227Kb / 10P
RFM products are now Murata products
RX6000 MURATA-RX6000 Datasheet
244Kb / 10P
RFM products are now Murata products
TR3000 MURATA-TR3000 Datasheet
600Kb / 12P
RFM products are now Murata products
TX5000 MURATA-TX5000 Datasheet
204Kb / 6P
RFM products are now Murata products
TX6004 MURATA-TX6004 Datasheet
207Kb / 6P
RFM products are now Murata products
logo
3M Electronics
519Y 3M-519Y Datasheet
314Kb / 2P
Sandblast Stencil ProductS
May-2016
520S 3M-520S Datasheet
15Kb / 2P
Sandblast Stencil
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com