Electronic Components Datasheet Search
  English  ▼

X  

966 Datasheet(PDF) 4 Page - 3M Electronics

Part # 966
Description  3M™ Adhesive Transfer Tape 966
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

966 Datasheet(HTML) 4 Page - 3M Electronics

  966 Datasheet HTML 1Page - 3M Electronics 966 Datasheet HTML 2Page - 3M Electronics 966 Datasheet HTML 3Page - 3M Electronics 966 Datasheet HTML 4Page - 3M Electronics 966 Datasheet HTML 5Page - 3M Electronics 966 Datasheet HTML 6Page - 3M Electronics 966 Datasheet HTML 7Page - 3M Electronics 966 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3M™ Adhesive Transfer Tape 966
Electrical and Thermal Properties (continued)
Property
Values
Method
Test Condition
Dielectric Constant
2.92
ASTM D150
1 KHz, Room Temperature
Dissipation Factor
0.025
ASTM D150
1 KHz, Room Temperature
Dielectric Strength
1100 V/mil
ASTM D149
500 vac, rms[60 hz/sec]
Volume Resistivity
4 × 10^15 Ω-cm
ASTM D257
Room Temperature
Surface Resistivity
>1 × 10^15 Ω
>5.6 × 10^16 Ω
Coe cient of Thermal
Expansion
19.9 × 10^-5 m/m/°C
ASTM D696
First Heat(125 - 175°C)
Coe cient of Thermal
Expansion
58.4 × 10^-5 m/m/°C
ASTM D696
Second Heat(25 - 175°C)
Typical Environmental Performance
Chemical and Environmental Exposure
The 3M™ High Temperature Acrylic Adhesive 100 is well known in industry for environmental and chemical resistance. For many applications, any one of the products
in this grouping will perform satisfactorily when exposed to di erent chemicals or temperatures. Jet fuels, however, are a challenge for pressure sensitive products.
More speci cally, the Aviation Turbine Fuel, Grade JP-4 (MIL H-T-5624), will attack many of the best adhesives within 72 hours. In response to the demands of this
market and the corresponding military speci cation MIL-T- 9906C, 3M™ Adhesive Transfer Tape 965 was developed as it di ers slightly in chemistry from the rest of
the 3M adhesive 100 family to provide the extra chemical resistance.
In addition to the added fuel resistance, 3M tape 965 retains all of the notable features of the adhesive 100: excellent adhesion to metals, good adhesion to high
surface energy plastics, low outgassing, and excellent static shear values for room temperature and heated conditions. The chart below shows adhesion values (to
stainless steel) of 3M™ Adhesive Transfer Tapes 965 and 966, with an emphasis on fuel and oil exposure.
The data represents representative or typical values and should not be used for speci cation purposes.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com