Electronic Components Datasheet Search
  English  ▼

X  

983 Datasheet(PDF) 3 Page - 3M Electronics

Part # 983
Description  3M Diamond Grade Conspicuity Markings Series 983 for Trucks and Trailers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

983 Datasheet(HTML) 3 Page - 3M Electronics

  983 Datasheet HTML 1Page - 3M Electronics 983 Datasheet HTML 2Page - 3M Electronics 983 Datasheet HTML 3Page - 3M Electronics 983 Datasheet HTML 4Page - 3M Electronics 983 Datasheet HTML 5Page - 3M Electronics 983 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
3M™ Diamond Grade™ Conspicuity Markings Series 983 for Trucks and Trailers
April 2018
 
3
Coefficient of Retroreflection, RA
The values in Table 3 are typical coefficients of retroreflection, expressed in candelas per lux per square meter
(cd/lux/m2). Conformance to coefficient of retroreflection requirements shall be determined instrumentally, in
accordance with ASTM E810 “Test Method of Coefficient of Retroreflection of Retroreflective Sheeting.” Per
ASTM E810, RA values obtained at 0° and 90° rotations were averaged to determine the RA values presented in
Table 3.
4
Typical Physical Characteristics
Table 4 describes the typical physical characteristics of Series 983 for Trucks and Trailers. The information in Table
4 should be considered typical only, and not be used for specification purposes.
5
Maintenance
5.1 Cleaning
Routine cleaning is recommended for maximum performance. The following cleaning methods are recommended:
•
Clean with sponge, cloth, or soft brush using water and detergent
•
Automatic truck/car wash or standard high-pressure hand spray under following conditions:
-
Maximum pressure: 1200 PSI/80 bar
-
Maximum water/wash solution temperature: 140° F (60° C)
-
Minimum of 12 inches (30 cm) between cleaning jet(s) and marking
-
Cleaning wand or jets at angle of no more than 45 degrees from perpendicular to the marking surface
-
Use spray tip #1505 (15 degree spray angle, 05 capacity size)
•
When using metal brighteners, follow manufacturer's recommendations for dilution. Thoroughly rinse brightener
from markings after soaking vehicle
Table 3. Typical Coefficient of Retroreflection (RA) Values for New Sheeting (cd/lux/m2)
Observation
Anglea
a. Observation Angle - the angle between the illumination axis and the observation axis.
Entrance
Angleb
b. Entrance Angle - the angle between the illumination axis and the retroreflector axis. The retroreflector axis is an axis perpendicular to the
retroreflective surface.
Typical RA for White 983
FMVSS 108
RA Requirement for White
Typical RA for Red 983
FMVSS 108
RA Requirement for Red
0.2º
-4º
800
250
160
60
30º
430
250
110
60
45º
175
60
45
15
0.5º
-4º
460
65
95
15
30º
215
65
40
15
45º
55
15
15
4
Table 4. Typical Physical Characteristics
Property
Description
Adhesive color and type
Clear, pressure sensitive
Liner
Translucent polymeric
Application surfaces
Painted or unpainted flat metal without rivets
Heat resistance
Maintains 70% of original coefficient of retroreflection at
(α=0.2, β=-4) after 24 hr. exposure to 170º F (77º C) air
Recommended minimum application
temperature (ambient and substrate)
50º F (10º C)
Performance range
-30º F to 200º F (-34º C to +94º C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com