Electronic Components Datasheet Search
  English  ▼

X  

5430 Datasheet(PDF) 2 Page - 3M Electronics

Part # 5430
Description  UHMW Polyethylene Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

5430 Datasheet(HTML) 2 Page - 3M Electronics

  5430 Datasheet HTML 1Page - 3M Electronics 5430 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
G/COE/Product Technical Data Sheets/425.431.438.1433.1437
Features
Tapes demonstrated no evidence of wear through after Taber Abrasion at 1000
cycles, using CS-10 wheel and 1000g load when applied to S-37 mounting sheet.
Low water vapor transmission rate <0.50 g/100in.2/24hrs.
High-tack acrylic adhesive provides strong initial bond to many painted metal and
plastic surfaces.
Thick caliper UHMW polyethylene tape for extended service life as a protective
surface against tough impact wear or sliding applications.
Outstanding abrasion resistance so will outwear PTFE and other materials in sliding
applications.
Low coefficient of friction characteristics is exceeded only by PTFE.
UHMW-PE tape can be used where lubrication is not possible because of
contamination.
Liner makes it ideal for fabricating or die-cutting into various lengths and shapes.
Application Ideas
Automotive instrument panel and interior noise reduction.
Noise reduction between rim fascia and painted metal.
Noise reduction on doors.
Reduce squeaks, rattles and other noises that occur with movement
Industrial sliding or wear applications requiring very high adhesion.
Storage
Store under normal conditions of 60° to 80°F (16° to 27°C) and 40 to 60% relative
humidity in the original packaging material.
Shelf Life
To obtain best performance, use this product within 18 months from date of manufacture.
Technical
Information
The technical information, recommendations and other statements contained in this document are
based upon tests or experience that 3M believes are reliable, but the accuracy or completeness of
such information is not guaranteed.
Product Use
Many factors beyond 3M’s control and uniquely within user’s knowledge and control can affect the
use and performance of a 3M product in a particular application. Given the variety of factors that can
affect the use and performance of a 3M product, user is solely responsible for evaluating the 3M
product and determining whether it is fit for a particular purpose and suitable for user’s method or
application.
Warranty,
Limited Remedy,
and Disclaimer
Unless an additional warranty is specifically stated on the applicable 3M product packaging or product
literature, 3M warrants that each 3M product meets the applicable 3M product specification at the time
3M ships the product. 3M MAKES NO OTHER WARRANTIES OR CONDITIONS, EXPRESS OR
IMPLIED, INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OR CONDITION OF
MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOS OR ANY IMPLIED WARRANTY
OR CONDITION ARISING OUT OF A COURSE OF DEALING, CUSTOM OR USAGE OF TRADE. If
the 3M product does not conform to this warranty, then the sole and exclusive remedy is, at 3M’s
option, replacement of the 3M product or refund of the purchase price.
Limitation of
Liability
Except where prohibited by law, 3M will not be liable for any loss or damage arising from the 3M
product, whether direct, indirect, special, incidental or consequential, regardless of the legal theory
asserted, including warranty, contract, negligence or strict liability.
This Industrial Adhesives and Tapes Division product was manufactured under a quality system registered to ISO 9001:2000 standards.
Industrial Business
Industrial Adhesives and Tapes Division
3M Center, Building 220-3S-06
St. Paul, MN 55144-1000
Recycled Paper
3M is a trademark of 3M
Company.
800-362-3550 · 577-369-2923 (Fax)
40% pre-consumer
Printed in U.S.A.
www.3M.com/industrial
10% post-consumer
©3M 2016



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com