Electronic Components Datasheet Search
  English  ▼

X  

6111 Datasheet(PDF) 2 Page - 3M Electronics

Part # 6111
Description  Sprayable Hot Melt Adhesive
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

6111 Datasheet(HTML) 2 Page - 3M Electronics

  6111 Datasheet HTML 1Page - 3M Electronics 6111 Datasheet HTML 2Page - 3M Electronics 6111 Datasheet HTML 3Page - 3M Electronics 6111 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M™ Sprayable Hot Melt Adhesive
6111 • 6111 HT • 6111 HT Blue
2
Suggested Adhesive
Coverage – Starting
Points:
Coverage: Coverage will depend on foam density, surface porosity of substrates and
strength of adhesive bond required. In all cases, user evaluation will be required to
determine the optimum coverage levels.
Smooth Surface
Textured Surface
2 surface application
1-2 grams per square foot
2-3 grams per square foot
1 surface application
3-5 grams per square foot
5-7 grams per square foot
Typical Adhesive
Performance
Characteristics
Note: The following technical information and data should be considered representative or typical
only and should not be used for specification purposes.
A. Heat Resistance, Dead Load Shear
Load, psi
3M™ Sprayable Hot Melt
Adhesive 6111Temperature
3
M™ Sprayable Hot
MelAdhesive 6111 HT/6111
HT Blue
Temperature
2 lb.
145°F (63°C)
175°F (79°C)
1 lb.
155°F (69°C)
180°F (82°C)
0.55 lb. (250 grams)
170°F (77°C)
190°F (88°C)
0.33 lb. (150 grams)
185°F (85°C)
195°F (91°C)
B. Peel Adhesion (PIW)
Peel Adhesion: Peel bonds of cotton duck (canvas to various substrates) were tested at a peel
angle of 180° at two inches per minute separation rate at a temperature of 73°F (23°C). The
value listed is the average force required to peel the canvas from the substrates in pounds per
inch of bond width (PIW).
Substrate
3M Sprayable Hot Melt
Adhesive 6111
Peel Strength (PIW)
3M Sprayable Hot Melt
Adhesive 6111 HT/ 6111HT
Blue
Peel Strength (PIW)
Fir
34.4
25.6
ABS
12.1
16.5
Polypropylene
46.3
14.4
PVC
9.9
16.3
Cold Rolled Steel
16.5
29.9
High Density Polyethylene
8.2
3.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com