Electronic Components Datasheet Search
  English  ▼

X  

08656 Datasheet(PDF) 1 Page - 3M Electronics

Part # 08656
Description  Brushable SeamSealer Gray
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

08656 Datasheet(HTML) 1 Page - 3M Electronics

  08656 Datasheet HTML 1Page - 3M Electronics 08656 Datasheet HTML 2Page - 3M Electronics 08656 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Brushable Seam Sealer Gray
08656
Technical Data Sheet
July 2017
3M Part No.(s)
3M Part Descriptor(s)
08656
3M™ Brushable Seam Sealer Gray
Product Description A multipurpose, fast-drying seam sealer that is easily applied with a brush. The product
will not flow or run after application.
Features
• Holds brush marks well
• Fast drying
• Paintable
Typical Physical
Properties
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
Container
1 quart can
Base
Nitrile Rubber
Density lbs/Gallon (Appx.)
8.3
Color
Gray
Flash Point - °F
40°F
Solids Content (Appx.)
45% by Weight
Consistency
Thick paste
Solvent
Toluene, Methyl Isobutyl Ketone
Service Temperature - °F
-20 to 200°F
Product Uses
A multipurpose, fast-drying seam sealer that is easily applied with a brush. Duplicates
OEM appearance when performing auto body repairs on areas where a brushed seam
sealer was originally used.
For professional use only. Not intended for retail sale.


Similar Part No. - 08656

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
08650105 MOLEX11-08650105 Datasheet
85Kb / 1P
KK (2.54) /.100 ANTI-FISH HOOKING TERMINAL 22-30 AWG
08650110 MOLEX-08650110 Datasheet
64Kb / 5P
PremiumGrade Hand Crimp Tool for KK 3.96mm Terminals, 26-22 AWG
Jun 05, 2025
08650114 MOLEX-08650114 Datasheet
82Kb / 5P
Hand Crimp Tool for 3.96mm Pitch KK Crimp Terminals, 24-18 AWG
Jun 10, 2025
08650115 MOLEX-08650115 Datasheet
82Kb / 5P
Hand Crimp Tool for 3.96mm Pitch KK Crimp Terminals, 24-18 AWG
Jun 10, 2025
08650116 MOLEX-08650116 Datasheet
64Kb / 5P
PremiumGrade Hand Crimp Tool for KK 3.96mm Terminals, 26-22 AWG
Jun 05, 2025
More results

Similar Description - 08656

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN5572 PANASONIC-MN5572 Datasheet
253Kb / 28P
Gray Scale Font Engine
logo
TT Electronics.
EN11 TTELEC-EN11 Datasheet
817Kb / 4P
2 bits gray code
logo
3M Electronics
08369 3M-08369 Datasheet
98Kb / 4P
MSP SeamSealer
Dec-2015
08329 3M-08329 Datasheet
46Kb / 4P
Control-Flow SeamSealer
Jul-2017
08307 3M-08307 Datasheet
47Kb / 4P
Self-Leveling SeamSealer
logo
SparkFun Electronics
ROB-12139 SPARKFUN-ROB-12139 Datasheet
96Kb / 1P
Skate Wheel - 2.975 (Gray)
2/12/2016
ROB-12409 SPARKFUN-ROB-12409 Datasheet
99Kb / 1P
Skate Wheel - 4.90 (Gray)
2/12/2016
logo
WAGO Kontakttechnik Gmb...
2052-1291 WAGO-2052-1291 Datasheet
80Kb / 2P
End plate; gray
25.11.2021
2052-381 WAGO-2052-381 Datasheet
88Kb / 2P
End plate; gray
25.11.2021
2052-391 WAGO-2052-391 Datasheet
85Kb / 2P
End plate; gray
25.11.2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com