Electronic Components Datasheet Search
  English  ▼

X  

EC100 Datasheet(PDF) 3 Page - 3M Electronics

Part # EC100
Description  Scotch-Weld™ General Purpose Instant Adhesives
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

EC100 Datasheet(HTML) 3 Page - 3M Electronics

  EC100 Datasheet HTML 1Page - 3M Electronics EC100 Datasheet HTML 2Page - 3M Electronics EC100 Datasheet HTML 3Page - 3M Electronics EC100 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3M™ Scotch-Weld™
General Purpose Instant Adhesives
EC5 • EC40 • EC100 • EC2500 • ECI Gel
Percent of Initial Strength
Temp (F)
EC5
EC40
EC100
EC2500
EC Gel
72
100
100
100
100
100
167
82
96
82
94
90
212
73
71
65
78
47
257
29
20
28
24
15
Handling Information
Surface Preparation
For optimum strength structural bonds, paint, oxide films, oils, dust, mold release
agents, and all other surface contaminants must be completely removed. However,
the amount of surface preparation depends on the required bond strength and the
environmental aging resistance desired by the user. Typical quick surface preparation
would include wiping with a clean solvent (such as isopropyl alcohol*), abrading
the surface with a clean fine abrasive, and then wiping again with a clean solvent to
remove loose particles.
Directions for Use
1. Ensure that parts are clean, dry, and free from oil and grease.
2. An instant adhesive activator may be required if there are bonding gaps
or porous substrate surfaces, if substrates are low surface energy plastics
(e.g., polyethylene, polypropylene) or if substrates have acidic surfaces
(e.g., paper, leather).
3. Bond speed is typically very fast so ensure that parts are properly aligned before
dispensing.
4. Product is normally hand applied from the bottle. Apply sparingly to one surface
and press parts firmly together until handling strength is achieved. As a general
rule, as little cyanoacrylate as possible should be used. Over application will
result in slower cure speed and lower bond strength.
Cured Bond Characteristics
1. Full bond strength will typically be achieved within a 24 hour cure time.
2. Low humidity or low temperature conditions will slow down the cure rate.
3. After curing, 3M™ Scotch-Weld™ General Purpose Instant Adhesive bonds
are suitable for use up to about 180°F (82°C).
4. Cyanoacrylate bond resistance to most oils and solvents is excellent. Long term
humidity, moisture, or water immersion may affect the strength of a cured
cyanoacrylate bond depending on the substrates and the bond gap. Testing is
recommended to evaluate the effect.
*Note: When using solvents, extinguish all ignition sources, including pilot lights,
and follow the manufacturer’s precautions and directions for use.
- 3 -



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com