Electronic Components Datasheet Search
  English  ▼

X  

PS77 Datasheet(PDF) 1 Page - 3M Electronics

Part # PS77
Description  Scotch-Weld Pipe Sealant PS77
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

PS77 Datasheet(HTML) 1 Page - 3M Electronics

  PS77 Datasheet HTML 1Page - 3M Electronics PS77 Datasheet HTML 2Page - 3M Electronics PS77 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Scotch-Weld Pipe Sealant PS77
Product Data Sheet
Updated
:February 2010
Supersedes
: September 2008
Product Description
Scotch-Weld PS77 is a single component, medium strength, anaerobic pipe
sealant.
PS77 is a thixotropic pipe sealant that cures quickly on steel pipes.
Scotch-Weld PS77 cures when confined in the absence of air between close-fitting
metal surfaces.
Key Features
Scotch-Weld PS77 is formulated to lock and seal medium to coarse straight and
tapered pipe threads on pipes of diameter from 15mm to 80mm. PS77 prevents
vibration loosening and leakage through the pipe threads. PS77 is formulated to
give medium strength break torque, but lower prevail torque on assembled joints,
thus enabling easier disassembly and servicing. Pipe joints made with PS77
should be fully torqued up within a maximum of 15 minutes from initial assembly.
PS77 will give a rapid low pressure seal (after 20 mins).
Physical Properties
Chemical Type
Dimethacrylate
Appearance
Fluorescent Yellow
Specific Gravity
1.12
Viscosity cPs
(Brookfield RVT spindle 5, 2.5rpm)
Range
35,000
– 60,000
Typical Value 48,000
Viscosity cPs
(Brookfield RVT spindle 5, 20rpm)
Range
10,000
– 20,000
Typical Value 15,000
Performance
Characteristics
Maximum Gap Fill
0.25mm
Fixture Time
15mins
Full Cure
24hrs
Strength Build Up
15 mins = Finger tight
1 hours = ~40% strength
24hours = 100% strength
Breakaway Torque N.m
(10964)
Range 8-18
Typical 16
Prevail Torque N.m
(10964)
Range 2-10
Typical 4.5
Service Temperature Range
-50 to +150ºC


Similar Part No. - PS77

ManufacturerPart #DatasheetDescription
logo
3M Electronics
PS77 3M-PS77 Datasheet
338Kb / 6P
3M Scotch-WeldTM Pipe Sealant Anaerobic Adhesives
More results

Similar Description - PS77

ManufacturerPart #DatasheetDescription
logo
3M Electronics
DP8010 3M-DP8010 Datasheet
259Kb / 6P
Scotch-Weld™ Structural Plastic Adhesives
Oct-2018
DP8405NS 3M-DP8405NS Datasheet
141Kb / 7P
Scotch-Weld™ Acrylic Adhesives
May-2019
DP600NS 3M-DP600NS Datasheet
343Kb / 12P
3M™ Scotch-Weld™ Urethane
using
TE015 3M-TE015 Datasheet
26Kb / 6P
Scotch-Weld Pipe Sealant PS77 Polyurethane Reactive Adhesives
DP640 3M-DP640 Datasheet
148Kb / 6P
3M™ Scotch-Weld™ Urethane Adhesive
Feb-2019
2216B 3M-2216B Datasheet
519Kb / 8P
Scotch-Weld™ Epoxy Adhesive
Oct-2018
HP42 3M-HP42 Datasheet
338Kb / 6P
3M Scotch-WeldTM Pipe Sealant Anaerobic Adhesives
DP5001 3M-DP5001 Datasheet
144Kb / 7P
3M??Scotch-Weld??Polyurethane Sealant DP5001, BLACK
EC-3542 3M-EC-3542 Datasheet
279Kb / 6P
3M™ Scotch-Weld™ Epoxy Adhesive
Dec-2020
EC-2815 3M-EC-2815 Datasheet
291Kb / 7P
3M??Scotch-Weld??Epoxy Adhesive
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com