Electronic Components Datasheet Search
  English  ▼

X  

SC616MPU Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # SC616MPU
Description  2 Functions: Continuous or Fast Pulse 2.0 - 10 PPS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

SC616MPU Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  SC616MPU Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010
www.mallory-sonalert.com
Options
Please contact factory.
Dimensions: Inches (mm)
ROHS Compliant
Knurled Nut
Used to attach part to panel. The max recommended torque is 10 in-lbs.
Weight (Typical)
1.6 oz (45g)
NEMA 3R,4X, & 12
Approved with use of ACC03.
Storage Temperature
-65° to +85° C
Operating Temperature
-40° to +85° C
Panel Mounting
Recommended hole size is 1.25"(31.75mm). Thread front will fit standard 30mm(1.181") hole.
Current Draw
3-12mA
Duty Cycle (%)
50
Housing Material
6/6 Nylon, Color: Black
Frequency
2900 ± 500 Hz
Loudness @ Min Vdc
68 dB(A) @ 2 Feet and 6 Vdc
Loudness @ Max Vdc
78 dB(A) @ 2 Feet and 16 Vdc
Sound Level Category
Medium
Mode of Operation
2 Functions: Continuous or Fast Pulse @ 2.0 - 10 PPS
Voltage Rating
6 to 16 VDC
Specifications:
MILITARY UNIT
Mallory Sonalert Products,Inc.
SC616MPU
Sales Outline Drawing
C


Similar Part No. - SC616MPU

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
SC616MN MSPI-SC616MN Datasheet
55Kb / 1P
Voltage Rating 6 to 16 VDC
More results

Similar Description - SC616MPU

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
ZA016LDDP2 MSPI-ZA016LDDP2 Datasheet
131Kb / 1P
Mode of Operation Fast Double Pulse @ 2 PPS
ZA016LDDP3 MSPI-ZA016LDDP3 Datasheet
131Kb / 1P
Mode of Operation Fast Double Pulse @ 2 PPS
ZA016LDFP1 MSPI-ZA016LDFP1 Datasheet
131Kb / 1P
Mode of Operation Fast Pulse @ 10 PPS
ZA016LDMP1 MSPI-ZA016LDMP1 Datasheet
131Kb / 1P
Mode of Operation Medium Pulse @ 5 PPS
ZT028LADP2R MSPI-ZT028LADP2R Datasheet
132Kb / 1P
Fast Double Pulse Sound and Light @ 2 PPS
ZT028LAFP1R MSPI-ZT028LAFP1R Datasheet
132Kb / 1P
Fast Pulse Sound and Light @ 10 PPS
ZT120LAFP1R MSPI-ZT120LAFP1R Datasheet
132Kb / 1P
Mode of Operation Fast Pulse Sound and Light @ 10 PPS
SCE120XA2DP3B MSPI-SCE120XA2DP3B Datasheet
55Kb / 1P
Slow Double Pulse @ 0.5 PPS
MSE14LCH2S MSPI-MSE14LCH2S Datasheet
48Kb / 1P
Mode of Operation Fast Pulse @ 10 PPS
MSE28MDP3 MSPI-MSE28MDP3 Datasheet
43Kb / 1P
Slow Double Pulse 0.5 PPS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com