Electronic Components Datasheet Search
  English  ▼

X  

SJ3443 Datasheet(PDF) 2 Page - 3M Electronics

Part # SJ3443
Description  3M™ Dual Lock™ Reclosable Fastener SJ3443
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

SJ3443 Datasheet(HTML) 2 Page - 3M Electronics

  SJ3443 Datasheet HTML 1Page - 3M Electronics SJ3443 Datasheet HTML 2Page - 3M Electronics SJ3443 Datasheet HTML 3Page - 3M Electronics SJ3443 Datasheet HTML 4Page - 3M Electronics SJ3443 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3M™ Dual Lock™ Reclosable Fastener SJ3443
General Information
This product for alternative attachment methods requires a unique attachment method and, based on how this product is used, the heat resistance, tensile and shear
strength can vary. This product does not have adhesive backing, so there is no release liner.
Product Family: Non-Woven backing for hot melt or other liquid adhesive attachment
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be used for speci cation purposes.
Typical Physical Properties
Property
Values
Notes
Dual Lock Color
Black
Backing Color
White
Thickness
4.2 mm
165 mil
Engaged to itself or to one of the
same family
7.14 mm
281 mil
Just Dual Lock not considering any added
thickness for adhesive
Stems
62 Stems/cm²
400 Stems/in²
Typical Performance Characteristics
Temperature Use Range note
Typical temperature performance for Dual Lock products with no adhesive backing on them while supporting 2.2 lbs/ in2 (1.0 kg/in2) in tensile or shear loads would
range from -20°F to 220°F (-12°C to 104°C). This may change depending on the attachment method used, for example if you use an adhesive to attach the Dual Lock
to a substrate the temperature resistance of the adhesive most likely will dictate the overall performance.
Note
The following technical information and data is intended as a guideline to assist customers in selecting 3M™ Reclosable Fasteners for further evaluation. This technical
information is not product release speci cations or standards. Unless stated di erently, the typical system performance and product properties were obtained using
speci c test methods under controlled laboratory conditions of 72°F
± 5°F and 50% ± 10% relative humidity. The user is responsible for evaluating 3M reclosable fasteners under expected use conditions to ensure suitable performance
for the intended application.
These are typical values which were gathered from testing the PSA backed materials. Similar values can be expected when the Dual Lock is held securely in a rigid
fashion.
Tests were run at 12 inches per minute



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com