Electronic Components Datasheet Search
  English  ▼

X  

AP596 Datasheet(PDF) 4 Page - 3M Electronics

Part # AP596
Description  Adhesion Promoter/Primer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AP596 Datasheet(HTML) 4 Page - 3M Electronics

  AP596 Datasheet HTML 1Page - 3M Electronics AP596 Datasheet HTML 2Page - 3M Electronics AP596 Datasheet HTML 3Page - 3M Electronics AP596 Datasheet HTML 4Page - 3M Electronics AP596 Datasheet HTML 5Page - 3M Electronics AP596 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3M
™ Adhesion Promoter/Primer
• Adhesion Promoter AP596 • All Purpose Primer P591 • Metal Primer P592
- 4 -
Directions for Use
Surface Preparation:
Surfaces to be sealed or bonded should be clean and dry. Surfaces should be
free from grease, mold release, oil, water/condensation, and other contaminants
that may affect the adhesion of the sealant. Abrading with 180 to 220 grit
abrasive followed by a solvent wipe will improve the bond strength. Suitable
solvents include 3M™ Adhesive Remover, methyl ethyl ketone (MEK), isopropyl
alcohol (IPA) or acetone.*
*When using solvents, use in a well ventilated area. Extinguish all sources of
ignition in the work area and observe product directions for use and
precautionary measures.
Refer to product label and MSDS for further precautions. Always pre-test
solvent to ensure it is compatible with substrates.
Local and federal air quality regulations may regulate or prohibit the use of
these products or surface preparation and cleanup materials. Consult local
and federal air quality regulations before using these products.
Note: Alcohol will interfere with the curing process of polyurethane and
extra care must be taken when using alcohol as a cleaning solvent to
prevent any contact with the sealant.
Primer:
Use of a primer is an extra step and cost and will depend on substrates and the
final end use. Using primer can improve the corrosion resistance of certain metals
as well as improve the durability of the bond when exposed to high humidity
conditions.
For most applications, high strength bonds on metal can be achieved without
the use of a primer. Pre-testing for adhesion is suggested to determine if a
primer is needed.
Use of a 2-step surface preparation is recommended for certain substrates.
Surface prep consists of applying 3M™ Adhesion Promoter AP596 followed
by the appropriate 3M™ Primer to both bonding surfaces prior to using
adhesive sealant. In areas with VOC restrictions, it is imperative that bonding
surfaces are clean of contaminants. It may be acceptable to bond certain
substrates without primer if the bonding area is abraded with 3M™ Scotch-
Brite™ abrasive to improve adhesion. Contact 3M for technical support.
Do not apply 3M™ Adhesion Promoter and Primer on frozen nor wet surfaces.
Do not apply over silicone nor in the presence of curing silicone.
Application:
Supplies:
•
3M Adhesive Sealant in cartridges or 600 ml sausage packs
•
3M AP596 Adhesion Promoter
•
Appropriate 3M Primer matched to the substrate(s)
•
Soft lint-free cloths for 3M AP596 Adhesion Promoter and/or 3M
P591/P592 Primer application
•
Wool dauber(s) for 3M Primer application



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com