Electronic Components Datasheet Search
  English  ▼

X  

DT17 Datasheet(PDF) 2 Page - 3M Electronics

Part # DT17
Description  3M™ Super Duty Duct Tape DT17
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DT17 Datasheet(HTML) 2 Page - 3M Electronics

  DT17 Datasheet HTML 1Page - 3M Electronics DT17 Datasheet HTML 2Page - 3M Electronics DT17 Datasheet HTML 3Page - 3M Electronics DT17 Datasheet HTML 4Page - 3M Electronics DT17 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3M™ Super Duty Duct Tape DT17
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be
used for speci cation purposes.
Typical Physical Properties
Property
Values
Method
Notes
Color
Black
Total Tape
Thickness
0.43 mm
17 mil
ASTM D3652
ASTM D-3652 tested at 2.7 psi
(18kPa)
Backing
Polyethylene lm
over cloth scrim
Adhesive
Synthetic/Natural
Rubber blend
Typical Performance Characteristics
Property Values
Method
Dwell/Cure
Time
Substrate
Notes
180°
Peel
Adhesion
9.3 N/cm
85 oz/in
ASTM
D3330
Initial
Stainless
Steel
12 in/min (300 mm/min)
Tensile
Strength
66.5
N/cm
38 lb/in
ASTM
D3759
Elongation
at
Break
18 %
ASTM
D3759
Available Sizes
Property
Values
Standard Roll Length
32 m
35 yd



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com