Electronic Components Datasheet Search
  English  ▼

X  

DP3501 Datasheet(PDF) 1 Page - 3M Electronics

Part # DP3501
Description  3M Scotch-WeldTM Epoxy Adhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP3501 Datasheet(HTML) 1 Page - 3M Electronics

  DP3501 Datasheet HTML 1Page - 3M Electronics DP3501 Datasheet HTML 2Page - 3M Electronics DP3501 Datasheet HTML 3Page - 3M Electronics DP3501 Datasheet HTML 4Page - 3M Electronics DP3501 Datasheet HTML 5Page - 3M Electronics DP3501 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3
Scotch-WeldTM
Epoxy Adhesives
3501 B/A Gray and DP 3501
Technical Data
March 2015
Product Description
3M™ Scotch-Weld™ Epoxy Adhesive 3501 B/A Gray and DP 3501 are rapid room
temperature curing, two-part epoxy adhesives for use in bonding many metals,
wood, and a variety of plastics. Equal parts by volume are easily mixed to produce
strong, impact-resistant bonds.
Features
• Two-part room temperature curing structural adhesive with high shear strength.
• Fast cure.
• Controlled flow/thixotropic.
• Good environmental resistance.
• Excellent for bonding metal, wood, most plastics and masonry products.
Typical Uncured
Physical Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Color
Base
Accelerator
White
Black
Base Resin
Base
Accelerator
Epoxy
Amine
Viscosity
Base
15 - 40
Press Flow @ 75°F (24°C)
Accelerator
35 - 60
Seconds to deliver 20 g
at 60 psi through 0.104" orifice
Viscosity (Centipoise)
Base
> 1,000,000
Brookfield RVF, #7 spindle,
Accelerator
> 1,000,000
2 RPM at 75°F (24°C)
Net Weight
Base
12.6 ± .2
(lbs./gallon)
Accelerator
11.9 ± .2
Mix Ratio (B:A)
Volume
1 : 1
(By Weight)
Weight
1.1 : 1
Worklife at 75°F (24°C)
6-10 minutes in
20.5 g mass


Similar Part No. - DP3501

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DP350T05 DIODES-DP350T05 Datasheet
82Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30624 Rev. 6 - 2
DP350T05 DIODES-DP350T05 Datasheet
130Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30624 Rev. 7 - 2
DP350T05-7 DIODES-DP350T05-7 Datasheet
82Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30624 Rev. 6 - 2
DP350T05-7 DIODES-DP350T05-7 Datasheet
130Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30624 Rev. 7 - 2
DP350T05 DIODES-DP350T05_1 Datasheet
130Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30624 Rev. 7 - 2
More results

Similar Description - DP3501

ManufacturerPart #DatasheetDescription
logo
3M Electronics
DP125 3M-DP125 Datasheet
228Kb / 7P
Scotch-WeldTM Epoxy Adhesives
Mar 2019
DP190 3M-DP190 Datasheet
631Kb / 7P
Scotch-WeldTM Epoxy Adhesives
February, 2016
TE031 3M-TE031 Datasheet
319Kb / 6P
Scotch-WeldTM Polyurethane Reactive Adhesives
TE040 3M-TE040 Datasheet
319Kb / 6P
Scotch-WeldTM Polyurethane Reactive Adhesives
2214 3M-2214 Datasheet
552Kb / 11P
Scotch-WeldTM Epoxy Adhesives
Oct-2018
HP42 3M-HP42 Datasheet
338Kb / 6P
3M Scotch-WeldTM Pipe Sealant Anaerobic Adhesives
3535 3M-3535 Datasheet
24Kb / 6P
3M Scotch-WeldTM Urethane Adhesives
Jan-2010
EC-3333 3M-EC-3333 Datasheet
216Kb / 5P
3M Scotch-WeldTM EpoxyAdhesive
EC-2615 3M-EC-2615 Datasheet
116Kb / 5P
3M Scotch-WeldTM Epoxy Adhesive
EC-3501 3M-EC-3501 Datasheet
328Kb / 6P
3M™ Scotch-Weld™ Epoxy Adhesives
Dec-2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com