Electronic Components Datasheet Search
  English  ▼

X  

9737 Datasheet(PDF) 1 Page - 3M Electronics

Part # 9737
Description  3M Double Coated Splicing Tapes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9737 Datasheet(HTML) 1 Page - 3M Electronics

  9737 Datasheet HTML 1Page - 3M Electronics 9737 Datasheet HTML 2Page - 3M Electronics 9737 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3
Double Coated Splicing Tapes
9737 • 9737R • 9738 • 9738R
Product Description
3M™ Splicing Tapes 9737 and 9737R are high tack, double coated acrylic pressure
sensitive adhesives with a polyester carrier.
3M™ Splicing Tapes 9738 and 9738R are similar products, but produced with a non-
woven tissue carrier. These products offer good temperature resistance and adhere
well to kraft and coated papers. These high performance splicing tapes are appropriate
for use on paper, plastics and other continuous web processes. Especially appropriate
in the manufacture of corrugated paper.
Construction
Technical Data
March, 2008
Product
3M™ Splicing
3M™ Splicing
3M™ Splicing
3M™ Splicing
Tape 9737
Tape 9737R
Tape 9738
Tape 9738R
Carrier:
Polyester
Polyester
Non-woven Tissue
Non-woven Tissue
Release Liner:
55# Densified Kraft
55# Densified Kraft
55# Densified Kraft
55# Densified Kraft
Paper, White
Paper, White
Paper, White
Paper, White
Thickness:
Tape
3.5 mils (88.9 µ)
3.5 mils (88.9 µ)
4.3 mils (109.2 µ)
4.3 mils (109.2 µ)
Carrier
0.5 mils (12.7 µ)
0.5 mils (12.7 µ)
1.3 mils (33.0 µ)
1.3 mils (33.0 µ)
Liner
3.2 mils (81.3 µ)
3.2 mils (81.3 µ)
3.2 mils (81.3 µ)
3.2 mils (81.3 µ)
Tape Color:
Clear
Red
Clear
Red
Product
3M Splicing
3M Splicing
3M Splicing
3M Splicing
Tape 9737
Tape 9737R
Tape 9738
Tape 9738R
Adhesion to Steel:
60 oz./in.
50 oz./in.
60 oz./in.
50 oz./in.
(Initial @ RT)
(16.7 N/25 mm)
(14.2 N/25 mm)
(16.7 N/25 mm)
(14.2 N/25 mm)
Shear Strength:
> 500 hours
> 500 hours
> 500 hours
> 500 hours
(1" x 1", 1000g at RT)
Relative High Temperature
Operating Ranges:
Short Term (minutes, hours)
300°F (149°C)
300°F (149°C)
300°F (149°C)
300°F (149°C)
Long Term (days, weeks)
260°F (127°C)
260°F (127°C)
260°F (127°C)
260°F (127°C)
Minimum Continuous Temperature:
-10°F (-23°C)
-10°F (-23°C)
-10°F (-23°C)
-10°F (-23°C)
Typical Physical
Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.


Similar Part No. - 9737

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9737 BELDEN-9737 Datasheet
174Kb / 2P
RS232/422 Low Cap, #24-19pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
05-05-2023
9737.0601000 BELDEN-9737.0601000 Datasheet
174Kb / 2P
RS232/422 Low Cap, #24-19pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
05-05-2023
logo
Texas Instruments
97374M TI1-97374M Datasheet
1Mb / 20P
Synchronous Buck NexFET Power Stage
More results

Similar Description - 9737

ManufacturerPart #DatasheetDescription
logo
3M Electronics
444 3M-444 Datasheet
56Kb / 4P
Double Coated Tapes with Adhesive 300
Apr-2006
4004 3M-4004 Datasheet
109Kb / 5P
Double Coated Urethane Foam Tapes
May-2006
9464 3M-9464 Datasheet
344Kb / 3P
Splicing Tapes
Dec-2007
9492MP 3M-9492MP Datasheet
189Kb / 4P
Double Coated Tapes
Nov-2011
R3257 3M-R3257 Datasheet
221Kb / 2P
Repulpable Double-Coated Tapes
Mar-2014
9038B 3M-9038B Datasheet
206Kb / 2P
Repulpable Double-Coated Web Splicing Tape
900 3M-900 Datasheet
138Kb / 6P
3M™ Repulpable Double-Coated Splicing Tape 900
Jun-2017
900B 3M-900B Datasheet
138Kb / 6P
3M??Repulpable Double-Coated Splicing Tape
9443NP 3M-9443NP Datasheet
141Kb / 6P
3M™ Double Coated Tape
Jul-2006
9474LE 3M-9474LE Datasheet
185Kb / 4P
Double Coated Tapes 9474LE ??9495LE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com