Electronic Components Datasheet Search
  English  ▼

X  

8429 Datasheet(PDF) 1 Page - 3M Electronics

Part # 8429
Description  3M™ Polyester Tape 8429
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8429 Datasheet(HTML) 1 Page - 3M Electronics

  8429 Datasheet HTML 1Page - 3M Electronics 8429 Datasheet HTML 2Page - 3M Electronics 8429 Datasheet HTML 3Page - 3M Electronics 8429 Datasheet HTML 4Page - 3M Electronics 8429 Datasheet HTML 5Page - 3M Electronics 8429 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ASK A 3M EXPERT
March, 2017
3M™ Polyester Tape 8429
Product Description
3M™ Polyester Tape 8429 is a yellow splicing tape featuring a strong
polyester backing that resists breakage in high tension applications. It
features an aggressive, versatile rubber adhesive that is both solvent and
chemical resistant. Designed for splicing of photographic lm processing,
Product Features
• Polyester backing is strong to resist breakage in high tension application.
• Backing thickness also provides additional abrasion protection compared
to thinner tapes.
• Yellow backing is used to easily identify splices
• Aggressive rubber adhesive grabs quickly and adheres well to a variety of
lms.
• Excellent solvent and chemical resistance.
• Prolonged exposure to sunlight or hot caustics will cause to become brittle
and lose tensile strength.
• Remains exible at -60°F (-50°C) and is dimensionally stable up to 300°F
(150°C).


Similar Part No. - 8429

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
8429 KEYSTONE-8429 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
3M Electronics
8429-12 3M-8429-12 Datasheet
80Kb / 4P
Cold Shrink EPDM Tubes Connector Insulators 8420 Series
8429-18 3M-8429-18 Datasheet
80Kb / 4P
Cold Shrink EPDM Tubes Connector Insulators 8420 Series
8429-24 3M-8429-24 Datasheet
80Kb / 4P
Cold Shrink EPDM Tubes Connector Insulators 8420 Series
8429-4 3M-8429-4 Datasheet
80Kb / 4P
Cold Shrink EPDM Tubes Connector Insulators 8420 Series
More results

Similar Description - 8429

ManufacturerPart #DatasheetDescription
logo
3M Electronics
8991 3M-8991 Datasheet
132Kb / 5P
3M™ Polyester Tape 8991/8991L
Apr-2015
8992 3M-8992 Datasheet
138Kb / 5P
3M™ Polyester Tape
Apr-2015
8991L 3M-8991L Datasheet
132Kb / 5P
3M™ Polyester Tape
Apr-2015
8911 3M-8911 Datasheet
132Kb / 5P
3M™ Polyester Tape 8911
May-2017
853 3M-853 Datasheet
128Kb / 5P
3M??Polyester Tape 853
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP080GF 3M-RP080GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP080GF
May, 2022
RP110GF 3M-RP110GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP110GF
May, 2022
RP160GF 3M-RP160GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP160GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com