Electronic Components Datasheet Search
  English  ▼

X  

4380 Datasheet(PDF) 1 Page - 3M Electronics

Part # 4380
Description  3M™ Aluminum Foil Tape 4380
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4380 Datasheet(HTML) 1 Page - 3M Electronics

  4380 Datasheet HTML 1Page - 3M Electronics 4380 Datasheet HTML 2Page - 3M Electronics 4380 Datasheet HTML 3Page - 3M Electronics 4380 Datasheet HTML 4Page - 3M Electronics 4380 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ASK A 3M EXPERT
March, 2011
3M™ Aluminum Foil Tape 4380
Product Description
3M™ Aluminum Foil Tape 4380 is a general purpose aluminum foil tape
o ering a dead soft aluminum foil backing combined with an acrylic
pressure sensitive adhesive.
Product Features
• General purpose foil tape.
• Temperature use range from -30°F to +300°F (-34°C to +149°C).
• The low water vapor transmission rate makes these tapes a good sealant.
• Best adhesion results attained when applied to clean dry surfaces above
32°F (0°C).


Similar Part No. - 4380

ManufacturerPart #DatasheetDescription
logo
Heyco.
4380 HEYCO-4380 Datasheet
93Kb / 1P
HEYConnect™ Terminal Bushings
logo
List of Unclassifed Man...
43800 ETC2-43800 Datasheet
259Kb / 3P
Professional Quality Tweezers
More results

Similar Description - 4380

ManufacturerPart #DatasheetDescription
logo
3M Electronics
2-5-425 3M-2-5-425 Datasheet
344Kb / 2P
Aluminum Foil Tape
Apr-2008
1519CW 3M-1519CW Datasheet
138Kb / 4P
3M™ Venture Tape™ Aluminum Foil Tape 1519CW
Jan-2018
3363 3M-3363 Datasheet
29Kb / 2P
Aluminum Foil Tape
12150 3M-12150 Datasheet
126Kb / 5P
3M™ Aluminum Foil Headliner Tape
Jul-2012
3369 3M-3369 Datasheet
34Kb / 2P
Aluminum Foil Tape
472 3M-472 Datasheet
127Kb / 5P
3M??Aluminum Foil Tape 427
Feb-2011
427 3M-427 Datasheet
129Kb / 5P
3M™ Aluminum Foil Tape 427
Jun-2019
3340 3M-3340 Datasheet
143Kb / 5P
3M™ Aluminum Foil Tape 3340
Jul-2018
431 3M-431 Datasheet
138Kb / 4P
3M™ Aluminum Foil Tape 431
May-2017
438 3M-438 Datasheet
141Kb / 5P
3M™ Heavy Duty Aluminum Foil Tape 438
May-2017
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com