Electronic Components Datasheet Search
  English  ▼

X  

890RCT Datasheet(PDF) 2 Page - 3M Electronics

Part # 890RCT
Description  3M™ Scotch® Filament Tape 890RCT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

890RCT Datasheet(HTML) 2 Page - 3M Electronics

  890RCT Datasheet HTML 1Page - 3M Electronics 890RCT Datasheet HTML 2Page - 3M Electronics 890RCT Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3M™ Scotch® Filament Tape 890RCT
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be used for speci cation purposes.
Typical Physical Properties
Property
Values
Method
Backing Color
Clear
Total Tape Thickness
0.203 mm
8 mil
ASTM D3652
Backing
Polyester lm
Adhesive
Pressure sensitive synthetic rubber-
resin
Reinforcement
Glass yarn
Typical Performance Characteristics
180° Peel Adhesion
Backing
Notes
Substrate
8.8 N/cm
80 oz/in
2 mil Aluminum Foil
12 in/min (300 mm/min)
72 hr dwell on Stainless Steel
88 N/100mm
Stainless Steel
Property: 180° Peel Adhesion
Method: ASTM D3330
Tensile Strength
1190.9 N/cm
11909 N/100mm
680 lb/in
Property: Tensile Strength
Method: ASTM D3759
Elongation at Break: 5 %
Methods
ASTM D3759
Handling/Application Information
Application Techniques
An extensive line of application equipment including hand-held dispensers and an automatic L-Clip applicator is available. Application is most easily accomplished at
room temperature. At lower temperatures, approaching 32°F (0°C), the adhesive becomes rm. Once applied, Scotch® Filament Tape 890RCT performs well
through- out the normal temperature ranges encountered by packaged products in shipping and storage environments
Storage and Shelf Life
Store behind present stock. Store in a clean, dry place. Temperature of 40-80°F (4-26°C) and 40-50% relative humidity are recommended. Rotate your stock.
To obtain best performance, use this product within 18 months from date of manufacture.
Trademarks
Scotch is a registered trademark of 3M.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com