Electronic Components Datasheet Search
  English  ▼

X  

830RCT Datasheet(PDF) 1 Page - 3M Electronics

Part # 830RCT
Description  3M™ Scotch® Pouch Tape Sheets 830RCT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

830RCT Datasheet(HTML) 1 Page - 3M Electronics

  830RCT Datasheet HTML 1Page - 3M Electronics 830RCT Datasheet HTML 2Page - 3M Electronics 830RCT Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ASK A 3M EXPERT
April, 2016
3M™ Scotch® Pouch Tape Sheets 830RCT
Product Description
Scotch® Pouch Tape Sheets 830RCT has a sticky border with a non-tack center, for attaching documents to
shipping containers. Made with 3M’s proprietary adhesives, it sticks to those hard-to-stick-to surfaces such as
recycled corrugate, ensuring that documents arrive safely. Scotch® Pouch Tape Sheets 830RCT comes in a
padded format, for portability and convenience.
Product Features
• 3M’s proprietary adhesive is 10x stickier than competitive solutions, providing immediate adhesion to
standard and recycled corrugate and preventing rubbing o to reduce chance of lost or delayed packages
• Padded format enables portability and convenience.
• Strong lm backing provides moisture- and abrasion-resistant barriers to withstand rigors of shipping.
• Less waste – no liner needed and 3M’s unique adhesive contains over 10% bio-based content.
• Calls attention to and prevents disposal of important documents.


Similar Part No. - 830RCT

ManufacturerPart #DatasheetDescription
logo
Littelfuse
830 LITTELFUSE-830 Datasheet
84Kb / 1P
PC Mount, Shocksafe 5x20mm Fuses
logo
List of Unclassifed Man...
830 ETC2-830 Datasheet
299Kb / 1P
ZERO ADJUSTMENT KNOB
logo
Vishay Siliconix
830 VISHAY-830 Datasheet
322Kb / 4P
1 13/16" (46 mm) Three Turn Wirewound Potentiometer Bushing Mount
27-Mar-15
830 VISHAY-830 Datasheet
158Kb / 4P
1 - 13/16” (46mm) Three and Ten Turn Wirewound Precision Potentiometer
16-Jul-03
logo
Jiangsu Donghai Semicon...
830 WXDH-830 Datasheet
1Mb / 12P
5A 500V N-channel Enhancement Mode Power MOSFET
More results

Similar Description - 830RCT

ManufacturerPart #DatasheetDescription
logo
3M Electronics
2229 3M-2229 Datasheet
28Kb / 2P
3M™ Scotch-Seal™ Mastic Tape
Rev B
DP600NS 3M-DP600NS Datasheet
343Kb / 12P
3M™ Scotch-Weld™ Urethane
using
828CP 3M-828CP Datasheet
579Kb / 7P
3M EXPERT 3M™ Scotch® Custom Printed Pouch Tape 828CP
824RCT 3M-824RCT Datasheet
558Kb / 4P
3M™ Scotch® Pouch Tape 824RCT
Apr-2016
825 3M-825 Datasheet
15Kb / 2P
Scotch® Pouch Tape
Apr-2003
EC-3333 3M-EC-3333 Datasheet
216Kb / 5P
3M Scotch-WeldTM EpoxyAdhesive
EC-1458 3M-EC-1458 Datasheet
32Kb / 3P
3M Scotch-WeldTM Adhesive
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP080GF 3M-RP080GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP080GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com