Electronic Components Datasheet Search
  English  ▼

X  

824RCT Datasheet(PDF) 2 Page - 3M Electronics

Part # 824RCT
Description  3M™ Scotch® Pouch Tape 824RCT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

824RCT Datasheet(HTML) 2 Page - 3M Electronics

  824RCT Datasheet HTML 1Page - 3M Electronics 824RCT Datasheet HTML 2Page - 3M Electronics 824RCT Datasheet HTML 3Page - 3M Electronics 824RCT Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M™ Scotch® Pouch Tape 824RCT
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be used for speci cation purposes.
Typical Physical Properties
Property
Values
Method
Color
Transparent with orange message
border
Total Tape Thickness
0.066 mm
2.6 mil
ASTM D3652
Backing Thickness
0.041 mm
1.6 mil
ASTM D3652
Backing
Biaxially Oriented Polypropylene
Adhesive
Pressure Sensitive Hot Melt Rubber
Resin
Holding Power
6000+ min
Typical Performance Characteristics
Property
Values
Method
Backing
Notes
180° Peel
Adhesion
5 N/cm
46 oz/in
ASTM D3330
2 mil Aluminum Foil
12 in/min (300 mm/min)
72 hr dwell on Stainless Steel
Elongation at
Break
160 %
ASTM D3759
Tensile Strength
Notes
Test Condition
52.5 N/cm
30 lb/in
Machine Direction
105 N/cm
60 lb/in
Cross Direction
Property: Tensile Strength
Method: ASTM D3759
Available Sizes
Product Size
5 in x 6 in
5 in x 8 in
6 in x 8 in
Handling/Application Information
Application Techniques
The Scotch® Pouch Tape Dispensers M727 and M797 are recommended for Scotch® Pouch Tape 824RCT.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com