Electronic Components Datasheet Search
  English  ▼

X  

371 Datasheet(PDF) 3 Page - 3M Electronics

Part # 371
Description  3M™ Scotch® Industrial Box Sealing Tape 371
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

371 Datasheet(HTML) 3 Page - 3M Electronics

  371 Datasheet HTML 1Page - 3M Electronics 371 Datasheet HTML 2Page - 3M Electronics 371 Datasheet HTML 3Page - 3M Electronics 371 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Family Group
Table continued on next page
3M™ Scotch® Industrial Box Sealing Tape 371
Available Sizes
Property
Values
Attribute Modi er
Standard Roll Length
50, 100, 914, 1500 m
55, 109, 1000, 1641 yd
Standard Width
36, 42, 48, 72 mm
1.4, 1.7, 1.9, 2.8 in
Core Size
76.2 mm
3 in
ID
Handling/Application Information
Application Techniques
An extensive line of application equipment including hand held manual dispensers and semi-automatic and fully automatic equipment is available. Application of
Scotch® Box Sealing Tape 371 is most easily accomplished at room temperature. At colder temperatures, approaching 32°F (0°C), the adhesive becomes more rm.
Once applied, Scotch® Tape 371 performs well throughout the normal temperature ranges typically encountered by packaged products in shipping and storage
environments.
Storage and Shelf Life
Store in a clean, dry place. Temperature of 40-80°F (4-26°C) and 40 to 50% relative humidity are recommended.
To obtain best performance, use this product within 18 months from date of manufacture.
Industry Speci cations
Meets FDA requirements for indirect food contact.
Trademarks
Scotch is a registered trademark of 3M.
References
Property
Values
3m.com Product Page
https://www.3m.com/3M/en_US/company-us/all-3m-products/~/Scotch-
Box-Sealing-Tape-371?N=5002385+3293242350&rt=rud
Safety Data Sheet (SDS)
https://www.3m.com/3M/en_US/company-us/SDS-search/results/?
gsaAction=msdsSRA&msdsLocale=en_US&co=ptn&q=371
371
371+
Color
Blue, clear, green, orange,
red, tan, yellow, and white
Clear
Total Tape Thickness
(mm)
0.046
0.048
Backing Thickness (mm)
0.03
0.03



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com