Electronic Components Datasheet Search
  English  ▼

X  

D2N140CD Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # D2N140CD
Description  Single Pole, Single Throw Normally Open
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

D2N140CD Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  D2N140CD Datasheet HTML 1Page - Nihon Inter Electronics Corporation D2N140CD Datasheet HTML 2Page - Nihon Inter Electronics Corporation D2N140CD Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
D2N140CD D2N240CD
D2N140CF D2N240CF
D2N140CG D2N240CG
SSR
120/240V 40A (RMS)
CharacteristicsandRatings
Futures
* Large capacity(40Arms) in spite of the standard
package.
* LowNoiseSwitchingandRushCurrent
Function
* SinglePole,Single Throw NormallyOpen
Non-Zero crossing Models
D2N240CG
D2N240CF
D2N240CD
Characteristics/Ratings
Parameter
Symbol
D2N140CD
D2N140CF
D2N140CG
D2N240CD
D2N240CF
D2N240CG
Unit
Output
RatedVoltage
V(RMS)
120
240
V
A.C.Line Voltage Range
V(RMS)
60 to 140
60 to 280
V
OperatingFrequency
f
47 to 63
HZ
MaximumLoadCurrent
IT(RMS)
40
A
Non-repetitiveOneCycleSurgeCurrent
ITSM
400
A
MinimumOperatingCurrent
Iop(RMS)
120
mA
Maximumoff-stateLeakageCurrent
Ileak(RMS)
2.0(@120Vrms)
4.0(@240Vrms)
mA
Maximum on-sateVoltageDrop
VT(RMS)
1.6
V
ResponseTime
T(rps)
1/2Cycle+1mS
-
Input
ControlSignalVoltageRange
IIN(DC)
3 to 6
10 to 18 18 to 28
3 to 6
10 to 18 18 to 28
V
InputImpedance
R(IN)
260
860
1360
260
860
1360
ohm
Pick-upVoltage
PUV
3.0
10.0
18.0
3.0
10.0
18.0
V
Drop-outVoltage
DOV
1.0
V
Input/Output
ACIsolationVoltage (BetweenInput,
OutputTerminalsandBase)
Viso(RMS)
1500
V
Capacitance(Betweeninputandoutput
C(i-o)
100
pF
OperatingTemperatureRange
Top
-20 to +80
°C
StorageTemperatureRange
Tstg
-25 to +85
°C


Similar Part No. - D2N140CD

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
D2N140CD NI-D2N140CD Datasheet
188Kb / 3P
120/240V 40A
More results

Similar Description - D2N140CD

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
D2N130CD NIEC-D2N130CD Datasheet
171Kb / 3P
Single Pole, Single Throw Normally Open
logo
IXYS Corporation
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA125L IXYS-LCA125L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA129 IXYS-LCA129 Datasheet
105Kb / 5P
Single-Pole, Normally Open OptoMOS Relay
logo
ISOCOM COMPONENTS
ISP06 ISOCOM-ISP06 Datasheet
982Kb / 12P
Normally Open Single Pole Single Throw Relay
logo
Molex Electronics Ltd.
1300230001 MOLEX1-1300230001_17 Datasheet
42Kb / 1P
Super-Safeway Single Button, 2 Pin, Single-Pole, Single-Throw, Normally Open,10A
1300230004 MOLEX1-1300230004_17 Datasheet
41Kb / 1P
Super-Safeway Single Button, 3 Pin, Single-Pole, Single-Throw, Normally Open
logo
IXYS Corporation
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
Single Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com